Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 26Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 27Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 28Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 29Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 30Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 31Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 32Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 33Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 184 page
background image
5 - INTERNAL FLASH MEMORY
ST10F269
30/184
Example 3 Performing the Block Erase command
We assume that in the initialization phase the lowest 32K Bytes of Flash memory (sector 0) have been
mapped to segment 1.The registers R11/R12 contain an address related to the block to be erased
(segment number in R11, segment offset in R12, for example R11 = 01h, R12= 4000h will erase the block
1 - first 8K byte block).
MOV
R5, #01554h
;load auxilary register R5 with command address
;(used in command cycle 1)
MOV
R6, #02AA8h
;load auxilary register R6 with command address
;(used in command cycle 2)
SXCT
DPPO, #08h
;push data page pointer 0 and load it to point ;to
;segment 2
MOV
R7, #0A8h
;load register R7 with 1st CI enable command
MOV
[R5], R7
;command cycle 1
MOV
R7, #054h
;load register R7 with 2cd CI enable command
MOV
[R6], R7
;command cycle 2
MOV
R7, #080h
;load register R7 with Block Erase command
MOV
[R5], R7
;command cycle 3
MOV
R7, #0A8h
;load register R7 with 1st CI enable command
MOV
[R5], R7
;command cycle 4
MOV
R7, #054h
;load register R7 with 2cd CI enable command
MOV
[R6], R7
;command cycle 5
POP
DPP0
;restore DPP0: following addressing to the Flash
;will use EXTended instructions
;R11 contains the segment of the block to be erased
;R12 contains the segment offset address of the
;block to be erased
MOV
R7, #030h
;load register R7 with erase confirm code
EXTS
R11, #1
;use EXTended addressing for next MOV instruction
MOV
[R12], R7
;command cycle 6: the EPC starts execution of
;Erasing Command
Erase_Polling:
EXTS
R11, #1
;use EXTended addressing for next MOV instruction
MOV
R7, [R12]
;read Flash Status register (FSB) in R7
;Check if FSB.7 = ‘1’ (i.e. R7.7 = ‘1’)
JB
R7.7, Erase_OK
;Check if FSB.5 = 1 (Erasing Error)
JNB
R7.5, Erase_Polling
;Programming failed: Flash remains in Write
;Operation.
;To go back to normal Read operations, a Read/Reset
;command
;must be performed
Erase_Error:
MOV
R7, #0F0h
;load register R7 with Read/Reset command
EXTS
R11, #1
;use EXTended addressing for next MOV instruction
MOV
[R12], R7
;address is don’t care for Read/Reset command
...
;here place specific Error handling code
...
...
;When erasing operation finished succesfully,
;Flash is set back automatically to normal Read Mode
Erase_OK:
....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com