Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 4Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 5Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 6Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 7Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 8Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 9Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 10Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 11Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 184 page
background image
2 - PIN DATA
ST10F269
8/184
Symbol
Pin
Type
Function
P6.0 - P6.7
1 - 8
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direction
bit. Programming an I/O pin as input forces the corresponding output driver to high
impedance state. Port 6 outputs can be configured as push-pull or open drain
drivers. The following Port 6 pins have alternate functions:
1O
P6.0
CS0
Chip Select 0 Output
...
...
...
...
...
5O
P6.4
CS4
Chip Select 4 Output
6I
P6.5
HOLD
External Master Hold Request Input
7O
P6.6
HLDA
Hold Acknowledge Output
8
O
P6.7
BREQ
Bus Request Output
P8.0 - P8.7
9-16
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direction
bit. Programming an I/O pin as input forces the corresponding output driver to high
impedance state. Port 8 outputs can be configured as push-pull or open drain
drivers. The input threshold of Port 8 is selectable (TTL or special).
The following Port 8 pins have alternate functions:
9
I/O
P8.0
CC16IO
CAPCOM2: CC16 Capture Input / Compare Output
...
...
...
...
...
16
I/O
P8.7
CC23IO
CAPCOM2: CC23 Capture Input / Compare Output
P7.0 - P7.7
19-26
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direction
bit. Programming an I/O pin as input forces the corresponding output driver to high
impedance state. Port 7 outputs can be configured as push-pull or open drain
drivers. The input threshold of Port 7 is selectable (TTL or special).
The following Port 7 pins have alternate functions:
19
O
P7.0
POUT0
PWM Channel 0 Output
...
...
...
...
...
22
O
P7.3
POUT3
PWM Channel 3 Output
23
I/O
P7.4
CC28IO
CAPCOM2: CC28 Capture Input / Compare Output
...
...
...
...
...
26
I/O
P7.7
CC31IO
CAPCOM2: CC31 Capture Input / Compare Output
P5.0 - P5.9
P5.10 - P5.15
27-36
39-44
I
I
16-bit input-only port with Schmitt-Trigger characteristics. The pins of Port 5 can be
the analog input channels (up to 16) for the A/D converter, where P5.x equals ANx
(Analog input channel x), or they are timer inputs:
39
I
P5.10
T6EUD
GPT2 Timer T6 External Up / Down Control Input
40
I
P5.11
T5EUD
GPT2 Timer T5 External Up / Down Control Input
41
I
P5.12
T6IN
GPT2 Timer T6 Count Input
42
I
P5.13
T5IN
GPT2 Timer T5 Count Input
43
I
P5.14
T4EUD
GPT1 Timer T4 External Up / Down Control Input
44
I
P5.15
T2EUD
GPT1 Timer T2 External Up / Down Control Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com