Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 39Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 40Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 41Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 42Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 43Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 44Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 45Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 46Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 184 page
background image
ST10F269
7 - EXTERNAL BUS CONTROLLER
43/184
7 - EXTERNAL BUS CONTROLLER
All
of
the
external
memory
accesses
are
performed by the on-chip external bus controller.
The EBC can be programmed to single chip mode
when no external memory is required, or to one of
four different external memory access modes:
– 16- / 18- / 20- / 24-bit addresses and 16-bit data,
demultiplexed
– 16- / 18- / 20- / 24-bit addresses and 16-bit data,
multiplexed
– 16- / 18- / 20- / 24-bit addresses and 8-bit data,
multiplexed
– 16- / 18- / 20- / 24-bit addresses and 8-bit data,
demultiplexed
In demultiplexed bus modes addresses are output
on PORT1 and data is input / output on PORT0 or
P0L, respectively. In the multiplexed bus modes
both addresses and data use PORT0 for input /
output.
Timing
characteristics
of
the
external
bus
interface (memory cycle time, memory tri-state
time, length of ALE and read / write delay) are
programmable giving the choice of a wide range
of memories and external peripherals.
Up to 4 independent address windows may be
defined
(using
register
pairs
ADDRSELx
/
BUSCONx) to access different resources and bus
characteristics.
These
address
windows
are
arranged
hierarchically
where
BUSCON4
overrides
BUSCON3 and BUSCON2 overrides BUSCON1.
All accesses to locations not covered by these 4
address windows are controlled by BUSCON0.
Up to 5 external CS signals (4 windows plus
default) can be generated in order to save external
glue logic. Access to very slow memories is
supported by a ‘Ready’ function.
A HOLD / HLDA protocol is available for bus
arbitration which shares external resources with
other bus masters.
The bus arbitration is enabled by setting bit
HLDEN in register PSW. After setting HLDEN
once, pins P6.7...P6.5 (BREQ, HLDA, HOLD) are
automatically controlled by the EBC. In master
mode (default after reset) the HLDA pin is an
output. By setting bit DP6.7 to’1’ the slave mode is
selected where pin HLDA is switched to input.
This directly connects the slave controller to
another master controller without glue logic.
For applications which require less external
memory space, the address space can be
restricted to 1M Byte, 256K Bytes or to 64K Bytes.
Port 4 outputs all 8 address lines if an address
space of 16M Bytes is used, otherwise four, two or
no address lines.
Chip select timing can be made programmable.
By default (after reset), the CSx lines change half
a CPU clock cycle after the rising edge of ALE.
With the CSCFG bit set in the SYSCON register
the CSx lines change with the rising edge of ALE.
The active level of the READY pin can be set by bit
RDYPOL in the BUSCONx registers. When the
READY function is enabled for a specific address
window, each bus cycle within the window must
be terminated with the active level defined by bit
RDYPOL in the associated BUSCON register.
7.1 - Programmable Chip Select Timing
Control
The ST10F269 allows the user to adjust the
position of the CSx line changes. By default (after
reset), the CSx lines change half a CPU clock
cycle (12.5ns at 40MHz of CPU clock on
PQFP144 devices and 31.25ns at 32MHz of CPU
clock on TQFP144 devices ) after the rising edge
of ALE. With the CSCFG bit set in the SYSCON
register the CSx lines change with the rising edge
of ALE, thus the CSx lines and the address lines
change at the same time (see Figure 11).
7.2 - READY Programmable Polarity
The active level of the READY pin can be selected
by software via the RDYPOL bit in the BUSCONx
registers.
When the READY function is enabled for a
specific address window, each bus cycle within
this window must be terminated with the active
level defined by this RDYPOL bit in the associated
BUSCON register.
BUSCONx registers are described in Section 20.2
-: System Configuration Registers.
Note
ST10F269 as no internal pull-up resistor
on READY pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com