Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 61Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 62Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 63Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 64Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 65Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 66Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 67Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 68Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 184 page
background image
ST10F269
12 - PARALLEL PORTS
65/184
When an external bus mode is enabled, the
direction of the port pin and the loading of data
into the port output latch are controlled by the bus
controller hardware.
The input of the port output Buffer is disconnected
from the internal bus and is switched to the line
labeled “Alternate Data Output” via a multiplexer.
The alternate data can be the 16-bit intra-segment
address or the 8/16-bit data information. The
incoming data on PORT0 is read on the line
“Alternate Data Input”. While an external bus
mode is enabled, the user software should not
write
to
the
port
output
latch,
otherwise
unpredictable results may occur.
When the external bus modes are disabled, the
contents of the direction register last written by the
user becomes active.
The Figure 22 shows the structure of a PORT0
pin.
Figure 22 : Block Diagram of a PORT0 Pin
Direction
Latch
Write DP0H.y / DP0L.y
Read DP0H.y / DP0L.y
Port Output
Latch
Write P0H.y / P0L.y
Read P0H.y / P0L.y
MUX
0
1
MUX
0
1
Alternate
Data
Output
MUX
0
1
Alternate
Direction
Input
Latch
Clock
P0H.y
P0L.y
Output
Buffer
y = 7...0
Alternate
Function
Enable
Port Data
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com