Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 112Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 113Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 114Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 115Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 116Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 117Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 118Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 119Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 184 page
background image
18 - SYSTEM RESET
ST10F269
116/184
low.
The
reset
is
processed
as
an
asynchronous reset.
Figure 56 : Synchronous Reset Sequence External Fetch (RSTIN pulse > 1040 TCL)
Note
1) RSTIN rising edge to internal latch of PORT0 is 3 CPU
clock cycles (6 TCL) if the PLL is bypassed and the
prescaler is on (fCPU =fXTAL / 2), else it is 4 CPU clock
cycles (8 TCL).
2) RSTIN pin is pulled low if bit BDRSTEN (bit 3 of SYSCON register) was previously set by software. Bit BDRSTEN is cleared after
reset.
3) If during the reset condition (RSTIN low), VRPD voltage drops below the threshold voltage (typically 2.5V for 5V operation), the
ST10 reset circuitry disables the bidirectional reset function and RSTIN pin is no more pulled low.
18.1.3 - Exit of Long Hardware Reset
- If the RPD pin level is low when the RSTIN pin
is sampled
high, the MCU completes
an
asynchronous reset sequence.
- If the RPD pin level is high when the RSTIN pin
is
sampled
high,
the
MCU
completes
a
synchronous reset sequence.
The system configuration is latched from PORT0
after a duration of 8 TCL / 4 CPU clocks (6 TCL / 3
CPU clocks if PLL is bypassed) and in case of
external fetch, ALE, RD and R/W pins are driven
to their inactive level. The MCU starts program
execution from memory location 00'0000h in code
segment 0. This starting location will typically
point to the general initialization routine. Refer to
Table 38 for PORT0 latched configuration.
18.2 - Short Hardware Reset
A short hardware reset is a warm reset. It may be
generated
synchronously
to
the CPU
clock
(synchronous reset).
The short hardware is triggered when RSTIN
signal duration is shorter or equal to 1038
TCL, the RPD pin must be pulled high.
To properly activate the internal reset logic of the
MCU, the RSTIN pin must be held low, at least,
during 4 TCL (2 periods of CPU clock). The I/O
pins are set to high impedance and RSTOUT pin is
driven low. After RSTIN level is detected, a short
duration of 12 TCL (6 CPU clocks) maximum
elapses, during which pending internal hold states
are cancelled and the current internal access
cycle if any is completed. External bus cycle is
aborted. The internal pull-down of RSTIN pin is
activated if bit BDRSTEN of SYSCON register
was previously set by software. This bit is always
cleared on power-on or after any reset sequence.
The internal reset sequence starts for 1024 TCL
(512 periods of CPU clock).
After that duration the pull-down of RSTIN pin for
the bidirectional reset function is released and the
RSTIN pin level is sampled high while RPD level is
high.
The short hardware reset ends and the MCU
restarts.To be processed as a short hardware
reset, the external RSTIN signal must last a
CPU Clock
RSTIN
RPD
RSTOUT
ALE
PORT0
Latching point of PORT0
for system start-up configuration
6 or 8 TCL1)
4 TCL
12 TCL
min.
max.
1024 TCL
Reset Configuration
If VRPD > 2.5V Asynchronous
200
µA Discharge
3)
RD
4
3
2
15
6
7
8
9
Reset is not entered.
Internal reset signal
Internally pulled low 2)
5 TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com