Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 119Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 120Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 121Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 122Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 123Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 124Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 125Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 126Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 184 page
background image
ST10F269
19 - POWER REDUCTION MODES
123/184
EXxIN inputs are normally sampled interrupt
inputs. However, the Power Down mode circuitry
uses them as level-sensitive inputs.
An EXxIN (x = 3...0) Interrupt Enable bit (bit
CCxIE in respective CCxIC register) need not be
set to bring the device out of Power Down mode.
An external RC circuit must be connected to RPD
pin, as shown in the Figure 61.
To exit Power Down mode with an external
interrupt, an EXxIN (x = 7...0) pin has to be
asserted for at least 40ns.
This signal enables the internal oscillator and PLL
circuitry, and also turns on the weak pull-down
(see Figure 62).
The discharge of the external capacitor provides a
delay that allows the oscillator and PLL circuits to
stabilize before the internal CPU and Peripheral
clocks are enabled. When the RPD voltage drops
below the threshold voltage (about 2.5V), the
Schmitt trigger clears Q2 flip-flop, thus enabling
the CPU and Peripheral clocks, and the device
resumes code execution.
If the Interrupt was enabled (bit CCxIE=’1’ in the
respective CCxIC register) before entering Power
Down mode, the device executes the interrupt
service routine, and then resumes execution after
the PWRDN instruction (see note below).
If the interrupt was disabled, the device executes
the instruction following PWRDN instruction, and
the Interrupt Request Flag (bit CCxIR in the
respective CCxIC register) remains set until it is
cleared by software.
Note:
Due
to
the
internal
pipeline,
the
instruction
that
follows
the
PWRDN
instruction is executed before the CPU
performs a call of the interrupt service
routine when exiting power-down mode
0 1:
Interrupt on positive edge (rising)
Enter Power Down mode if EXiIN = ‘0’, exit if EXxIN = ‘1’ (referred as ‘high’ active level)
1 0:
Interrupt on negative edge (falling)
Enter Power Down mode if EXiIN = ‘1’, exit if EXxIN = ‘0’ (referred as ‘low’ active level)
1 1:
Interrupt on any edge (rising or falling)
Always enter Power Down mode, exit if EXxIN level changed.
EXIxES(x=7...0)
External Interrupt x Edge Selection Field (x=7...0)
Figure 61 : External R0C0 Circuit on RPD Pin For
Exiting Powerdown Mode with External Interrupt
RPD
VDD
C0
R0
220k
Ω minimum
1
µF Typical
ST10F269-Q3
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com