Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 159Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 160Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 161Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 162Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 163Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 164Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 165Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 166Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 184 page
background image
ST10F269
163/184
Notes: 1. RW-delay and
t
A refer to the next following bus cycle.
2. Read data are latched with the same clock edge that triggers the address change and the rising RD edge. Therefore address
changes before the end of RD have no impact on read cycles.
3. Partially tested, guaranteed by design characterization.
t48
CC
RdCS, WrCS Low Time
(with RW-delay)
21.25 + tC
–
2TCL - 10 + tC
–ns
t49
CC
RdCS, WrCS Low Time
(no RW-delay)
36.875 + tC
–
3TCL - 10 + tC
–ns
t50
CC
Data valid to WrCS
17.25 + tC
–
2TCL - 14 + tC
–ns
t51
SR
Data hold after RdCS
0–
0
–
ns
t53
SR
Data float after RdCS
(with RW-delay) 3
–
21.25 + tF
–
2TCL - 10 + tF
ns
t68
SR
Data float after RdCS
(no RW-delay) 3
–0 + tF
–TCL - 10 + tF
ns
t55
CC
Address hold after
RdCS, WrCS
-10 + tF
–
-10 + tF
–ns
t57
CC
Data hold after WrCS
1.625 + tF
–TCL - 14 + tF
–ns
Symbol
Parameter
Maximum CPU Clock =
32MHz
Variable CPU Clock
1/2 TCL = 1 to 32MHz
Unit
Minimum
Maximum
Minimum
Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com