Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 171Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 172Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 173Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 174Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 175Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 176Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 177Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 178Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 184 page
background image
ST10F269
175/184
Note: 1. Timing guaranteed by design.
The formula for SSC Clock Cycle time is : t300 = 4 TCL * (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC Baud rate register, taken as unsigned 16-bit integer
Notes: 1. The phase and polarity of shift and latch edge of SCLK is programmable. This figure uses the leading clock edge as shift edge
(drawn in bold), with latch on trailing edge (SSCPH = 0b), Idle clock line is low, leading clock edge is low-to-high transition (SSCPO =
0b).
2. The bit timing is repeated for all bits to be transmitted or received.
21.4.14.2 Slave mode
VCC = 5V ±10%, VSS = 0V, CPU clock = 40MHz, TA = -40 to +125°C, CL = 50pF (PQFP144 devices)
t318 SR Read data hold time after latch edge,
phase error detection off (SSCPEN = 0)
41.25
–
2TCL + 10
–
t318
Symbol
Parameter
Maximum Baud rate=6.25MBd
(<SSCBR> = 0001h)
Variable Baud rate
(<SSCBR>=0001h-FFFFh) Symb
ol
Minimum
Maximum
Minimum
Maximum
Figure 82 : SSC Master Timing
t
303
t
304
t
305
t
305
t
305
t
306
1st Out Bit
Last Out Bit
2nd Out Bit
t
300
t
302
t
301
1)
2)
t
307
2nd.In Bit
1st.In Bit
t
308
t
307
Last.In Bit
t
308
SCLK
MTSR
MRST
Symbol
Parameter
Maximum Baud rate=10MBd
(<SSCBR> = 0001h)
Variable Baud rate
(<SSCBR>=0001h-FFFFh)
Unit
Minimum
Maximum
Minimum
Maximum
t310 SR SSC clock cycle time
100
100
8 TCL
262144 TCL
ns
t311 SR SSC clock high time
40
–
t310/2 - 10
–ns
t312 SR SSC clock low time
40
–
t310/2 - 10
–ns
t313 SR SSC clock rise time
–
10
–
10
ns
t314 SR SSC clock fall time
–
10
–
10
ns
t315 CC Write data valid after shift edge
–
39
–
2 TCL + 14
ns
t316 CC Write data hold after shift edge
0
–
0
–
ns
t317p SR Read data setup time before latch
edge,
phase
error
detection
on
(SSCPEN = 1)
62
–
4TCL + 12
–
ns
t318p
1
SR Read data hold time after latch edge,
phase
error
detection
on
(SSCPEN = 1)
87
–
6TCL + 12
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com