Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T3 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST10F269Z2T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T3 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST10F269Z2T3 Datasheet HTML 176Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 177Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 178Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 179Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 180Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 181Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 182Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 183Page - STMicroelectronics ST10F269Z2T3 Datasheet HTML 184Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 182 / 184 page
background image
2 - FUNCTIONAL PROBLEMS
ST10F269
182/184
2.2 - MAC.9 - CoCMP Instruction Inverted Operands
The ST10 Family Programming Manual describes the CoCMP instruction as: subtracts a 40-bit signed
operand from th 40-bit accumulator content (acc - op2\op1), and updates the N, Z and C flags in the MSW
register, leaving the accumulator unchanged. On the device the reverse operation (op2\op1 - acc) has
been implemented in the Mac Unit. Therefore, the N and C flags are set according to the reverse opera-
tion (Z flag is not affected).
Workaround:
Change interpretation of the N and C flags in the MSW register.
Example:
MOV
R12, #07h
MOV
R13, #06h
MOV
R14, #0
CoLOAD
R14, R12
; Accumulator = 70000h
CoCMP
R14, R13
; Compares 70000h to 60000h
Here the content of MSW is 0500h, i.e. C = 1, Z = 0 and N = 1.
To test if the Accumulator was greater than or equal the compared value, the "normal" test, according to
the description in the ST10 Programming Manual, would be:
JNB
MSW.10, Greater
; If C flag cleared, then greater than or equal
With the implementation, this test does not provide the expected result.
To obtain the correct comparison, use instead:
JB
MSW.10, Greater
; C flag set: 60000h < 70000h (60000h-70000h implemented)
; i.e. the accumulator is greater than or equal compared value
2.3 - MAC.10 - E Flag Evaluation for CoSHR and CoASHR Instructions when Saturation Mode is
Enabled
The Logical and the Arithmetic Right Shift instructions (CoSHR/CoASHR) are specififed not to be affected
by the saturation mode (MS bit of the MCW register): the shift operation is always made on the 40 bits of
the accumulator. The result shifted in the accumulator is never saturated. Only when the saturation mode
is enabled, the evaluation of the E Flag (in the MSW register) is erroneous.
Comment to the example:
In this example below (Table 1), the E Flag is kept cleared however MAE is used: bit 0 of MAE has been
shifted into bit 15 of MAH. The MAE part has been used and it contents significant bits but the E Flag has
not been set.
The content of the flags is given after the execution of the instruction.
Workaround:
If the MAE flag is used, the saturation mode must be disabled before running Logical and/or Arihmetic
Right Shift instructions and re-enable just after.
Table 1 : MAC.10 Example
MS Bit is Set, Saturation Mode is Enabled
Status of Flags After Instruction Execution
Code
Accumulator Value
(Hexa.)
SL
E
SV
C
Z
N
Remark
MOV
R5, #5555h
--
----
----
-
-----
-
CoLOAD
R5, R5
00
5555
5555
0
00000
Right
NOP
00
5555
5555
0
00000
Right
MOV
MSW, #007Fh
7F
5555
5555
0
00000
Right
NOP
7F
5555
5555
0
00000
Right
CoSHR
#1
3F
AAAA
AAAA
0
0*
0000
*E is wrong



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com