Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2572-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L2572-S16-R
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L2572-S16-R Datasheet HTML 1Page - Unisonic Technologies L2572-S16-R Datasheet HTML 2Page - Unisonic Technologies L2572-S16-R Datasheet HTML 3Page - Unisonic Technologies L2572-S16-R Datasheet HTML 4Page - Unisonic Technologies L2572-S16-R Datasheet HTML 5Page - Unisonic Technologies L2572-S16-R Datasheet HTML 6Page - Unisonic Technologies L2572-S16-R Datasheet HTML 7Page - Unisonic Technologies L2572-S16-R Datasheet HTML 8Page - Unisonic Technologies L2572-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 14
www.unisonic.com.tw
QW-R102-032.A
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
DESCRIPTION
1
AFC PUMP
I
Current pump, integrating the signal pulses into a DC voltage
2
AFC WINDOW ADJUST
I
Set the AFC deadband voltages corresponding the frequency
3
VEE
GND
4
OSCILLATOR+
I
Oscillator positive signal
5
OSCILLATOR-
I
Oscillator negative signal
6
AGC BIAS
I
Set the AGC bias
7
AGC OUTPUT
O
Output AGC DC voltage
8
RF INPUT
I
Input signal
9
RF INPUT
I
Input signal
10
VIDEO OUTPUT
O
Output video signal
11
VIDEO FEEDBACK-
I
Feedback the video negative signal
12
VIDEO+
O
Video positive signal
13
VIDEO-
O
Video negative signal
14
VIDEO FEEDBACK+
I
Feedback the video positive signal
15
VCC
Input VCC
16
AFC OUTPUT
O
Output AFC DC voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com