Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2572-S16-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # L2572-S16-R
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572-S16-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button L2572-S16-R Datasheet HTML 6Page - Unisonic Technologies L2572-S16-R Datasheet HTML 7Page - Unisonic Technologies L2572-S16-R Datasheet HTML 8Page - Unisonic Technologies L2572-S16-R Datasheet HTML 9Page - Unisonic Technologies L2572-S16-R Datasheet HTML 10Page - Unisonic Technologies L2572-S16-R Datasheet HTML 11Page - Unisonic Technologies L2572-S16-R Datasheet HTML 12Page - Unisonic Technologies L2572-S16-R Datasheet HTML 13Page - Unisonic Technologies L2572-S16-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 14
www.unisonic.com.tw
QW-R102-032.A
DESIGN OF PLL LOOP PARAMETERS
The UTC L2572 is normally used as a type 1 second order loop and can be represented by the above diagram.
For such a system the following parameters apply;
τ1 = C1.R1
τ2 = C1.R2
and
2
0
1
n
D
K
K
ω
τ =
n
ω
ζ
τ
2
2 =
where:
K0 is the VCO gain in radian seconds per volt
KD is the phase detector gain in volts per radian
ωn is the natural loop bandwidth
ξ is the loop damping factor
R1 is loop amplifier input impedance
Note: K0 is dependant on sensitivity of VCO used.
KD = 0.25V/rad single ended, 0.5V/rad differential
From these factors the loop 3dB bandwidth can be determined from the following expression;
1
)
1
2
(
)
1
2
(
2
2
2
2
2
2
3
+
+
±
+
=
ζ
ω
ζ
ω
ω
n
n
dB
Which approximates to
n
dB
ω
ω
2
3
=
when
2
1
=
ζ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com