Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2572-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L2572-S16-R
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L2572-S16-R Datasheet HTML 1Page - Unisonic Technologies L2572-S16-R Datasheet HTML 2Page - Unisonic Technologies L2572-S16-R Datasheet HTML 3Page - Unisonic Technologies L2572-S16-R Datasheet HTML 4Page - Unisonic Technologies L2572-S16-R Datasheet HTML 5Page - Unisonic Technologies L2572-S16-R Datasheet HTML 6Page - Unisonic Technologies L2572-S16-R Datasheet HTML 7Page - Unisonic Technologies L2572-S16-R Datasheet HTML 8Page - Unisonic Technologies L2572-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 14
www.unisonic.com.tw
QW-R102-032.A
TEST CONFIGURATION
BASE BAND VIDEO 1V p–p
VIDEO GENERATOR
ROHDE &
SCHWARZ SGPF
TV SAT TEST TX
ROHDE &
SCHWARZ SFZ
RF CARRIER FREQ 479.5MHz
FM MODULATION 13.5MHz P–P
PRE–EMPHASISED VIDEO
TEST APPLICATION BOARD
See Fig. 1 for details
MONTFORD TEST OVEN
PRE EMPHASISED BASE BAND VIDEO
VIDEO AMPLIFIER/
DE EMPHASISED NETWORK
VIDEO ANALYSER
ROHDE & SCHWARZ UAF
DE EMPHASISED BASE BAND VIDEO 1V p–p
Using the above test configuration the video drive characteristics measurements were made. In the Electrical
Characteristics Table the maximum figures recorded coincide with extremes of supply voltage and high temperatures.
There’s no adjustment to the recorded figures has been made to compensate for the effects of temperature on the
external components of the application test board, in the varactor diodes particularly. Attention to temperature
compensation of the external circuitry will result in performance figures closer to the stated typical figures if operation
of the device at high ambient temperatures is envisaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com