Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2572-S16-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # L2572-S16-R
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572-S16-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button L2572-S16-R Datasheet HTML 6Page - Unisonic Technologies L2572-S16-R Datasheet HTML 7Page - Unisonic Technologies L2572-S16-R Datasheet HTML 8Page - Unisonic Technologies L2572-S16-R Datasheet HTML 9Page - Unisonic Technologies L2572-S16-R Datasheet HTML 10Page - Unisonic Technologies L2572-S16-R Datasheet HTML 11Page - Unisonic Technologies L2572-S16-R Datasheet HTML 12Page - Unisonic Technologies L2572-S16-R Datasheet HTML 13Page - Unisonic Technologies L2572-S16-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 14
www.unisonic.com.tw
QW-R102-032.A
-70
-60
-50
-40
-30
0.5
1.0
1.5
2.0
RF Input Level (dBm) Unmodulated
-20
-10
0
AGC Bias Resistor 5.1K
AGC Bias Current 297 A
AGC Load Resistor 3.9K
VCC = 5.0 V
Fig.5 AGC Output Voltage for Differing Values of AGC Bias Resistor
AGC Bias Resistor 10.5K
AGC Bias Current 150 A
AGC Load Resistor 4.7K
AGC Bias Resistor 32K
AGC Bias Current 52 A
AGC Load Resistor 10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com