Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2572-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L2572-S16-R
Description  WIDEBAND PLL FM DEMODULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2572-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L2572-S16-R Datasheet HTML 1Page - Unisonic Technologies L2572-S16-R Datasheet HTML 2Page - Unisonic Technologies L2572-S16-R Datasheet HTML 3Page - Unisonic Technologies L2572-S16-R Datasheet HTML 4Page - Unisonic Technologies L2572-S16-R Datasheet HTML 5Page - Unisonic Technologies L2572-S16-R Datasheet HTML 6Page - Unisonic Technologies L2572-S16-R Datasheet HTML 7Page - Unisonic Technologies L2572-S16-R Datasheet HTML 8Page - Unisonic Technologies L2572-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
L2572
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 14
www.unisonic.com.tw
QW-R102-032.A
ABSOLUTE MAXIMUM RATINGS (VEE=0V)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3~7
V
RF Input Voltage
VIN(RF)
2.5
VP-P
RF Input DC Offset
VIN_RF(OFF)
-0.3~VCC+0.3
V
Oscillator ± DC Offset
VOSC(OFF)
-0.3~VCC+0.3
V
Video ± DC Offset
-0.3~VCC+0.3
V
Video Feedback ± DC Offset
-0.3~VCC+0.3
V
Video Output DC Offset
VVDO(OFF)
-0.3~VCC+0.3
V
AFC Pump DC Offset
-0.3~VCC+0.3
V
AFC Disable DC Offset
-0.3~VCC+0.3
V
AFC Deadband DC Offset
VAFC(OFF)
-0.3~VCC+0.3
V
AGC Bias DC Offset
-0.3~VCC+0.3
V
AGC Output DC Offset
VAGC(OFF)
-0.3~VCC+0.3
V
Power Dissipation (at 5.5V)
PD
250
mW
ESD Protection - Pin 1 to 15
2
kV
ESD Protection - Pin 16
ESD
1.7
kV
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
Parameter
SYMBOL
RATINGS
Unit
Junction to Ambient
ΘJA
111
°C/W
Junction to Case
ΘJC
41
°C/W
ELECTRICAL CHARACTERISTICS
(Ta = -20°C~+80°C, VCC = +4.5V ~ +5.5V. Either design or production test guarantee the electrical characteristics.
Unless otherwise stated they apply within the specified ambient temperature and supply voltage.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX
UNIT
Supply Current
VCC
36
40
mA
Operating Frequency
FOPR
300
800
MHz
Input Sensitivity
Preamp limiting
-40
dBm
Input Overload
0
dBm
VCO Sensitivity (dF/dV)
Refer to Fig. 1
25
32
39
MHz/V
VCO linearity
Refer to Fig. 1 with13.5MHz p-p
deviation
25
%
VCO Supply Stability
See note 5
2.0
MHz/V
VCO Temperature Stability
See note 5
20
KHz/°C
Phase Detector Gain
Differential loop filter
Single ended loop filter
0.5
0.25
V/rad
Loop Amplifier Input Impedance
RIN
450
570
700
Ω
Loop Amplifier Output Impedance
ROUT(LOOP)
25
Ω
Loop Amplifier Open Loop Gain
38
dB
Loop Amplifier Gain Bandwidth Product
BW
240
MHz
Loop Amplifier Output Swing
1.2
Vp-p
Video Drive Output Impedance
ROUT(VIDEO)
55
75
95
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com