Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 24 Page - Microchip Technology

Part # MICRF112
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MICRF112 Datasheet HTML 20Page - Microchip Technology MICRF112 Datasheet HTML 21Page - Microchip Technology MICRF112 Datasheet HTML 22Page - Microchip Technology MICRF112 Datasheet HTML 23Page - Microchip Technology MICRF112 Datasheet HTML 24Page - Microchip Technology MICRF112 Datasheet HTML 25Page - Microchip Technology MICRF112 Datasheet HTML 26Page - Microchip Technology MICRF112 Datasheet HTML 27Page - Microchip Technology MICRF112 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
MICRF112
Functional Description
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 24
6.
Functional Description
The following figure illustrates a functional block diagram of the MICRF112 transmitter. The
MICRF112 can be best described as a phase-locked transmitter. The system can be partitioned into
six functional blocks: crystal oscillator, PLL×32, power amplifier, enable control, undervoltage detect
and open-drain switch for FSK operation.
Figure 6-1. Functional Block Diagram MICRF112 10 Pin ASK/FSK Version
Crystal Oscillator
The reference oscillator is a crystal-based pierce configuration. It is designed to accept crystals with
frequencies from 9.375 MHz to 14.0625 MHz.
Crystal Oscillator Parameters for ASK Operation
The following figure illustrates a reference oscillator circuit configuration for ASK operation. The
reference oscillator can drive crystals with an ESR range from 20Ω to 300Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com