Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 27 Page - Microchip Technology

Part # MICRF112
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MICRF112 Datasheet HTML 23Page - Microchip Technology MICRF112 Datasheet HTML 24Page - Microchip Technology MICRF112 Datasheet HTML 25Page - Microchip Technology MICRF112 Datasheet HTML 26Page - Microchip Technology MICRF112 Datasheet HTML 27Page - Microchip Technology MICRF112 Datasheet HTML 28Page - Microchip Technology MICRF112 Datasheet HTML 29Page - Microchip Technology MICRF112 Datasheet HTML 30Page - Microchip Technology MICRF112 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
MICRF112
Application Information
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 27
7.
Application Information
Figure 7-1. ASK 433.92 MHz and 315 MHz (MSOP)
Note: Values in parenthesis are for 315 MHz.
The MICRF112 is ideal for driving a 50Ω source monopole or a loop antenna. The above figure
is an example of a loop antenna configuration. It also illustrates both 315 MHz and 433.92 MHz
ASK configurations for a loop antenna. In addition to using a different crystal, modified values are
needed for certain frequencies. These are listed in the following table.
Table 7-1. Modified Frequency Values
Frequency (MHz)
L1 (nH)
C5 (pF)
L4 (nH)
C7 (pF)
Y1 (MHz)
315.0
470
10
150
4.7
9.84375
433.92
470
10
82
3.9
13.5600
The reference design illustrated in Figure 7-1 has an antenna optimized for using the matching
network, as described in the above table
Power Control Using an External Resistor
R7 is used to adjust the RF output levels that may be needed to meet compliance. As an example,
Table 7-2 and Table 7-3 list typical values of conducted RF output levels and corresponding R7
resistor values for the 50Ω test board shown in the Test Circuit.
Table 7-2. ASK Output Power at 1 Kbps (Manchester) vs. External Resistor at 315 MHz
R7, Ω
Output Power, dBm
IDD, mA
0
10
6.7
75
8.5
6.3
100
8.0
6.2
500
1.6
4.13
1000
-3.8
4.87
Table 7-3. ASK Output Power at 1 Kbps (Manchester) vs. External Resistor at 433.92 MHz
R7, Ω
Output Power, dBm
IDD,mA
0
8.68
7.5
75
8.34
7.33
100
8.02
7.3
500
4.34
6.3
1000
0.42
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com