Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 5 Page - Microchip Technology

Part # MICRF112
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112 Datasheet(HTML) 5 Page - Microchip Technology

  MICRF112 Datasheet HTML 1Page - Microchip Technology MICRF112 Datasheet HTML 2Page - Microchip Technology MICRF112 Datasheet HTML 3Page - Microchip Technology MICRF112 Datasheet HTML 4Page - Microchip Technology MICRF112 Datasheet HTML 5Page - Microchip Technology MICRF112 Datasheet HTML 6Page - Microchip Technology MICRF112 Datasheet HTML 7Page - Microchip Technology MICRF112 Datasheet HTML 8Page - Microchip Technology MICRF112 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
MICRF112
System Overview
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 5
Figure 2-2. 10-Pin MSOP (MM) Top View
Note: The Pin1 marking symbol can be a circle, triangle or other symbol.
2.4
Pin Description
Table 2-2. Pin Description
Pin Number
Pin Name
Pin Function
1
ASK
ASK Data input
2
XTLIN
Reference oscillator input connection
3
XTLOUT
Reference oscillator output connection
4
VSS
Ground
5
XTAL_MOD
Reference oscillation modulation port for FSK operation
6
FSK
FSK Data input
7
EN
Chip enable, active high
8
VSSPA
PA ground
9
PAOUT
PA output
10
VDD
Positive power supply
2.5
Absolute Maximum Ratings(1)
Supply Voltage (VDD)
+4.3V
Voltage on PAOUT
+7.2V
Voltage on I/O Pins
VSS – 0.3 to VDD + 0.3
Lead Temperature (soldering, 10s)
+300°C
Storage Temperature (TS)
-65°C to +150°C
ESD Rating
Note 3
2.6
Operating Ratings(2)
Supply Voltage (VDD)
1.8V to 3.6V
Ambient Operating Temperature (TA)
-40°C to +125°C
Transmitter Frequency Range
300 MHz to 450 MHz
2.7
Electrical Characteristics(4)
Specifications apply for VDD = 3.0V, TA = 25°C, FreqREFOSC=13.560 MHz, EN = VDD, 1 Kbps data rate,
50% duty cycle, RL50Ω load (matched).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com