Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 26 Page - Microchip Technology

Part # MICRF112
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MICRF112 Datasheet HTML 22Page - Microchip Technology MICRF112 Datasheet HTML 23Page - Microchip Technology MICRF112 Datasheet HTML 24Page - Microchip Technology MICRF112 Datasheet HTML 25Page - Microchip Technology MICRF112 Datasheet HTML 26Page - Microchip Technology MICRF112 Datasheet HTML 27Page - Microchip Technology MICRF112 Datasheet HTML 28Page - Microchip Technology MICRF112 Datasheet HTML 29Page - Microchip Technology MICRF112 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
MICRF112
Functional Description
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 26
Figure 6-3. Reference Oscillator FSK Operation
FSK
PLL×32
The function of PLL×32 is to provide a stable carrier frequency for transmission. It is a “divided by 32”
phase-locked oscillator.
Power Amplifier
The power amplifier serves two purposes: to buffer the VCO from external elements and to amplify
the phase-locked signal. The power amplifier can produce +10 dBm at 3V (typical).
Enable Control
The enable control gates the ASK data. It only allows transmission when Lock, Amplitude and
Undervoltage Detect conditions are valid.
Undervoltage Detect
The undervoltage detect block senses operating voltage. If the operating voltage falls below 1.6V, the
undervoltage detect block sends a signal to the enable control block to disable the PA.
Open-Drain Switch
The open-drain switch is used for FSK operation. FSK data is fed into the FSK pin. The FSK pin is
connected to the gate of the open-drain switch. The open collector is connected to the XTAL_MOD
pin. In Figure 6-3, a capacitor is shown connected from the XTAL_MOD pin to XTLOUT. When the FSK
pin goes high, the capacitor between XTAL_MOD and XTLOUT pulls the frequency of REFOSC low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com