Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 35 Page - Microchip Technology

Part # MICRF112
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MICRF112 Datasheet HTML 31Page - Microchip Technology MICRF112 Datasheet HTML 32Page - Microchip Technology MICRF112 Datasheet HTML 33Page - Microchip Technology MICRF112 Datasheet HTML 34Page - Microchip Technology MICRF112 Datasheet HTML 35Page - Microchip Technology MICRF112 Datasheet HTML 36Page - Microchip Technology MICRF112 Datasheet HTML 37Page - Microchip Technology MICRF112 Datasheet HTML 38Page - Microchip Technology MICRF112 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
MICRF112
FSK Operation
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 35
13.
FSK Operation
The Bill of Materials tables describe the components needed for ASK operation for 433.92 MHz and
315 MHz.
The following table lists the component values that change between ASK and FSK operation.
Note: The use of a high FSK data rate may excite parasitic resonant modes with some crystal types.
Recommended crystals from the Bill of Materials tables hold good for both ASK and FSK.
Table 13-1. ASK and FSK Settings
Mode
R1
R2
R5
R6
JPR1
JPR2
C8
ASK
NP
100 kΩ
0Ω
NP
0Ω
NP
NP
FSK
0Ω
NP
NP
100 kΩ
NP
0Ω
3.3 pF(1)
10 pF(2)
Notes: 
1. C8 = 3.3 pF for 1 kHz using HC49/U or HC49US type crystals.
2. C8 = 10 pF for 10 kHz using HC49/U, (high profile) only.
Table 13-2. Enable Control (Shutdown)
R3
R4
Constant ON
0Ω
NP
External Standby Control
NP
100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com