Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5103LP Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV5103LP
Description  Bi-CMOS LSI Cell Phone Power Supply IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5103LP Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LV5103LP Datasheet HTML 3Page - Sanyo Semicon Device LV5103LP Datasheet HTML 4Page - Sanyo Semicon Device LV5103LP Datasheet HTML 5Page - Sanyo Semicon Device LV5103LP Datasheet HTML 6Page - Sanyo Semicon Device LV5103LP Datasheet HTML 7Page - Sanyo Semicon Device LV5103LP Datasheet HTML 8Page - Sanyo Semicon Device LV5103LP Datasheet HTML 9Page - Sanyo Semicon Device LV5103LP Datasheet HTML 10Page - Sanyo Semicon Device LV5103LP Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LV5103LP
No.A0585-7/11
Block Diagram
The three power supply pins VBAT1, VBAT2, and VBAT3 must be shorted together externally.
The three ground pins GNDM, PGND, and GNDSWREG must be shorted together externally and must always be at a
potential that is the lowest potential in the system.
VBAT1
BGR
RREF
LDO1O
LDO2O
LDO3O
LDO5O
LDO8S
VBAT3
SWOUT1
PGND
GNDSWREG
LDO4O
VBAT2
LDO6O
LDO6S
VBATL6
LDO7O
GNDM
LDO2S
LDO3B
SWCTL
FBIN
RFPDN
VBATDET
↑3.2V ↓2.4V
ON/OFF_1
DELAY
RESETO
STCLR
PS
PS
ON/OFF_1
ON/OFF_2
VBAT1
ON/OFF_1
ON/OFF_2
ON/OFF_2
ON/OFF_1
ON/OFF_1
PS
VBAT3
ON/OFF_1
PS
ON/OFF_1
PS
2.2
µF
2.2
µF
2.2
µF
2.2
µF
2.2
µF
0.1
µF
0.1
µF
2.2
µF
2.2
µF
2.2
µF
10
µF
10
µF
4.7
µH
0.01
µF
1
µA
85k
Ω
40k
Ω
LDO4S
VBAT1
VBATL8
LDO8O
PS
PS
LDO3S
VBATL7
ON/OFF_1
DQ
CQ
R
VBAT1
VBAT1
VBAT1
BVLT
BVLTON
VBAT1
VBAT1
LDO2
VBAT1
VBAT1
RESETO
LDO1
1.5V
30mA
LDO2
2.85V/
200mA
LDO3
2.85V/
150mA
LDO4
3.1V/
450mA
LDO5
3.3V/
150mA
LDO7
1.8V/
150mA
LDO6
1.5V/
200mA
LDO8
1.2V/
500mA
DC/DC1
2.4V/
800mA
DET
2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com