Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5103LP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV5103LP
Description  Bi-CMOS LSI Cell Phone Power Supply IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5103LP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV5103LP Datasheet HTML 1Page - Sanyo Semicon Device LV5103LP Datasheet HTML 2Page - Sanyo Semicon Device LV5103LP Datasheet HTML 3Page - Sanyo Semicon Device LV5103LP Datasheet HTML 4Page - Sanyo Semicon Device LV5103LP Datasheet HTML 5Page - Sanyo Semicon Device LV5103LP Datasheet HTML 6Page - Sanyo Semicon Device LV5103LP Datasheet HTML 7Page - Sanyo Semicon Device LV5103LP Datasheet HTML 8Page - Sanyo Semicon Device LV5103LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
12407 MS PC 20061003-S00002 No.A0585-1/11
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LV5103LP
Overview
The LV5103LP is a cell phone power supply IC.
Functions
• Single step-down DC-DC converter channel
• Eight series regulator channels
• Built-in thermal shutdown circuit
Features
• Low power dissipation
• Built-in shorting protection circuit
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6V
Allowable power dissipation
Pd max
Mounted on a circuit board.*
1100
mW
Operating temperature
Topr
-30 to +75
°C
Storage temperature
Tstg
-40 to +125
°C
* Specified circuit board : 40
×50×0.8mm3 : 4-layer (2S2P) glass epoxy printed circuit board
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
3.2 to 4.5
V
Bi-CMOS LSI
Cell Phone Power Supply IC
Ordering number : ENA0585


Similar Part No. - LV5103LP

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV5100E FOSHAN-LV5100E Datasheet
730Kb / 6P
Schottky Barrier Diode in a TO-277 Plastic Package
logo
Sanyo Semicon Device
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
For cell phone system Power supply
LV5106FN SANYO-LV5106FN Datasheet
94Kb / 6P
Bi-CMOS IC For cell phone system Power supply
More results

Similar Description - LV5103LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
Bi-CMOS LSI
LV5106FN SANYO-LV5106FN Datasheet
94Kb / 6P
Bi-CMOS IC For cell phone system Power supply
LV5215LF SANYO-LV5215LF Datasheet
67Kb / 5P
Bi-CMOS LSI For Use in Cell Phones LED Driver IC
LV5254LG SANYO-LV5254LG Datasheet
141Kb / 14P
Bi-CMOS LSI Inverting Charge Pump Regulator IC
LV5608LP SANYO-LV5608LP Datasheet
163Kb / 8P
Bi-CMOS LSI For CCD Charge pump power supply
LV8092GQ SANYO-LV8092GQ Datasheet
107Kb / 12P
Bi-CMOS LSI Piezo Actuator Driver IC
LV5710V SANYO-LV5710V Datasheet
78Kb / 6P
Bi-CMOS LSI For camera sensor Power supply for charge pump
LV8411GR SANYO-LV8411GR Datasheet
86Kb / 7P
Bi-CMOS LSI For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
LV8413GP SANYO-LV8413GP Datasheet
82Kb / 7P
Bi-CMOS LSI For DSC, and Cell Phone Camera Modules H-Bridge 횞 2-channel Motor Driver
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
For cell phone system Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com