Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5103LP Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV5103LP
Description  Bi-CMOS LSI Cell Phone Power Supply IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5103LP Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV5103LP Datasheet HTML 1Page - Sanyo Semicon Device LV5103LP Datasheet HTML 2Page - Sanyo Semicon Device LV5103LP Datasheet HTML 3Page - Sanyo Semicon Device LV5103LP Datasheet HTML 4Page - Sanyo Semicon Device LV5103LP Datasheet HTML 5Page - Sanyo Semicon Device LV5103LP Datasheet HTML 6Page - Sanyo Semicon Device LV5103LP Datasheet HTML 7Page - Sanyo Semicon Device LV5103LP Datasheet HTML 8Page - Sanyo Semicon Device LV5103LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LV5103LP
No.A0585-3/11
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
LDO4
Output voltage 1
VOR41
IO = 30mA
3.03
3.1
3.17
V
Output voltage 2
VOR42
IO = 200mA
3
3.1
3.2
V
Output current 1
IM41
450
mA
Output current 2
IM42
VBAT = 3.4V, VOUT ≥ 3V
300
mA
Load regulation 1
VL4
IO = 1 to 300mA
30
100
mV
Load regulation 2
VL4L
VBAT = 3.4V, IO = 1 to 250mA
50
100
mV
Line regulation 1
VR4
VBAT = 3.4 to 4.5V, IO = 200mA
10
60
mV
Output voltage temperature
coefficient
∆VT4
Ta = -30 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection ratio
VRL4
IO = 30mA, VRR = -20dBV, fRR = 120Hz
65
dB
Output noise voltage
VON4
IO = 30mA, 10Hz < f < 100kHz
50
µVrms
LDO5
Output voltage
VOR5
IO = 30mA
3.23
3.3
3.37
V
Output current 1
IM51
150
mA
Output current 2
IM52
VBAT = 3.4V, VOUT ≥ 3V
150
mA
Load regulation 1
VL5
IO = 1 to 150mA
75
150
mV
Load regulation 2
VL5L
VBAT = 3.4V, IO = 1 to 50mA
75
150
mV
Line regulation 1
VR5
VBAT = 3.4 to 4.5V, IO = 100mA
10
60
mV
Output voltage temperature
coefficient
∆VT5
Ta = -30 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection ratio
VRL5
IO = 30mA, VRR = -20dBV, fRR = 120Hz
65
dB
Output noise voltage
VON5
IO = 30mA, 10Hz < f < 100kHz
50
µVrms
LDO5 PS MODE
Output voltage
VOR5P
IO = 30mA
3.2
3.3
3.4
V
Output current
IM5P
150
mA
Load regulation 1
VL5P1
IO = 1 to 150mA
75
150
mV
Load regulation 2
VL5P2
VBAT = 3.4V, IO = 1 to 50mA
75
150
mV
Line regulation 1
VR5P
VBAT = 3.4 to 4.5V, IO = 100mA
10
60
mV
Output voltage temperature
coefficient
∆VT5P
Ta = -30 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection ratio
VRL5P
IO = 30mA, VRR = -20dBV, fRR = 120Hz
60
dB
Output noise voltage
VON5P
IO = 30mA, 10Hz < f < 100kHz
60
µVrms
LDO6
Output voltage
VOR6
IO = 30mA
1.47
1.5
1.53
V
Output current
IM6
200
mA
Load regulation
VL6
IO = 1 to 200mA
20
75
mV
Line regulation 1
VR6
VBAT = 3.1 to 4.5V, IO = 130mA
10
60
mV
Output voltage temperature
coefficient
∆VT6
Ta = -30 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection ratio
VRL6
IO = 30mA, VRR = -20dBV, fRR = 120Hz
65
dB
Output noise voltage
VON6
IO = 30mA, 10Hz < f < 100kHz
50
µVrms
LDO6 PS MODE
Output voltage
VOR6P
IO = 30mA
1.45
1.5
1.55
V
Output current
IM6P
10
mA
Load regulation
VL6P
IO = 1 to 10mA
10
75
mV
Line regulation 1
VR6P
VBAT = 3.1 to 4.5V, IO = 10mA
10
60
mV
Output voltage temperature
coefficient
∆VT6P
Ta = -30 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection ratio
VRL6P
IO = 30mA, VRR = -20dBV, fRR = 120Hz
60
dB
Output noise voltage
VON6P
IO = 30mA, 10Hz < f < 100kHz
60
µVrms
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com