Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5103LP Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV5103LP
Description  Bi-CMOS LSI Cell Phone Power Supply IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5103LP Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV5103LP Datasheet HTML 1Page - Sanyo Semicon Device LV5103LP Datasheet HTML 2Page - Sanyo Semicon Device LV5103LP Datasheet HTML 3Page - Sanyo Semicon Device LV5103LP Datasheet HTML 4Page - Sanyo Semicon Device LV5103LP Datasheet HTML 5Page - Sanyo Semicon Device LV5103LP Datasheet HTML 6Page - Sanyo Semicon Device LV5103LP Datasheet HTML 7Page - Sanyo Semicon Device LV5103LP Datasheet HTML 8Page - Sanyo Semicon Device LV5103LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LV5103LP
No.A0585-5/11
Package Dimensions
unit : mm (typ)
3302A
Control Pin Functions
Power Supply Control
RFPDN
ADPTDET
PWRKEY
PWRHOLD
LDO1
LDO2, 5, 6, 7, 8
LDO3, 4
Low
Low
Low
Low
On
Off
Off
Low
High
On
On
Off
Low
High
On
On
Off
Low
High
On
On
Off
High
Low
Low
Low
On
Off
Off
High
High
On
On
On
High
High
On
On
On
High
High
On
On
On
(ON/OFF1)
(ON/OFF2)
PS Mode
PWRSAVE
Mode
Low
PS mode
High
Normal mode
LDO3 Output Switch
SWCTL
Mode
Low
Switch off
High
Switch on
BVLT Output
BVLTON
Mode
Low
Switch off
High
Switch on
SANYO : VQLP40(5.0X5.0)
0.2
5.0
1
10
11
20
21
30
31
40
0.35
(0.7)
Bottom View
Top View
0
1000
1100
550
500
1500
– 30
60
30
090
Ambient temperature, Ta – °C
Pd max – Ta
Specified board : 40
×50×0.8mm3,
4-layer (2S2P) printed circuit board
glass epoxy
Mounted on the circuit board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com