Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5103LP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5103LP
Description  Bi-CMOS LSI Cell Phone Power Supply IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5103LP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5103LP Datasheet HTML 1Page - Sanyo Semicon Device LV5103LP Datasheet HTML 2Page - Sanyo Semicon Device LV5103LP Datasheet HTML 3Page - Sanyo Semicon Device LV5103LP Datasheet HTML 4Page - Sanyo Semicon Device LV5103LP Datasheet HTML 5Page - Sanyo Semicon Device LV5103LP Datasheet HTML 6Page - Sanyo Semicon Device LV5103LP Datasheet HTML 7Page - Sanyo Semicon Device LV5103LP Datasheet HTML 8Page - Sanyo Semicon Device LV5103LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LV5103LP
No.A0585-2/11
Electrical Characteristics
Ta = 25°C, VBAT = 3.7V, VBATL = 2.4V, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[Analog block] Current drain
Current drain 1
ICC1
With LD01 and VBATDET operating
8
16
µA
Current drain 2
ICC2
With LD01, LD02. LD05, LD06, LD07, and
LD08 operating. PS mode
50
75
µA
Current drain 3
ICC3
With all LD0n channels operating, DC-DC
operation
6
10
mA
[Switching Regulator Block] DC/DC1
Output voltage 1
VOSW1
IO = 500mA
2.25
2.4
2.55
V
Output current
ISW1
800
mA
Efficiency 1
EF1
IO = 150mA
86
%
Efficiency 2
EF2
IO = 500mA
79
%
Oscillator frequency
Fosc1
1
1.2
1.4
MHz
LDO1
Output voltage
VOR1
IO = 10mA
1.47
1.5
1.53
V
Output current
IM1
30
mA
Load regulation
VL1
IO = 1 to 30mA
10
75
mV
Line regulation
VR1
VBAT = 3.1 to 4.5V, IO = 20mA
10
60
mV
Output voltage temperature
coefficient
∆VT1
Ta = -30 to 75
°C, IO = 10mA
±100
ppm/
°C
Ripple rejection ratio
VRL1
IO = 10mA, VRR = -20dBV, fRR = 120Hz
65
dB
Output noise voltage
VON1
IO = 10mA, 10Hz < f < 100kHz
60
µVrms
LDO2
Output voltage
VOR2
IO = 30mA
2.79
2.85
2.91
V
Output current
IM2
200
mA
Load regulation
VL2
IO = 1 to 200mA
20
75
mV
Line regulation
VR2
VBAT = 3.1 to 4.5V, IO = 130mA
10
60
mV
Output voltage temperature
coefficient
∆VT2
Ta = -30 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection ratio
VRL2
IO = 30mA, VRR = -20dBV, fRR = 120Hz
65
dB
Output noise voltage
VON2
IO = 30mA, 10Hz < f < 100kHz
50
µVrms
LDO2 PS MODE
Output voltage
VOR2P
IO = 30mA
2.76
2.85
2.94
V
Output current
IM2P
200
mA
Load regulation
VL2P
IO = 1 to 200mA
20
75
mV
Line regulation
VR2P
VBAT = 3.1 to 4.5V, IO = 130mA
10
60
mV
Output voltage temperature
coefficient
∆VT2P
Ta = -30 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection ratio
VRL2P
IO = 30mA, VRR = -20dBV, fRR = 120Hz
60
dB
Output noise voltage
VON2P
IO = 30mA, 10Hz < f < 100kHz
60
µVrms
LDO3
Output voltage
VOR3
IO = 30mA
2.79
2.85
2.91
V
Output current
IM3
150
mA
Load regulation
VL3
IO = 1 to 150mA
20
75
mV
Line regulation
VR3
VBAT = 3.1 to 4.5V, IO = 100mA
10
60
mV
Output voltage temperature
coefficient
∆VT3
Ta = -30 to 75
°C, IO = 30mA
±100
ppm/
°C
Ripple rejection ratio
VRL3
IO = 30mA, VRR = -20dBV, fRR = 120Hz
65
dB
Output noise voltage
VON3
IO = 30mA, 10Hz < f < 100kHz
50
µVrms
LDO3B SW
Switch on-resistance
RSW3
IO = 50mA, SWCTL : HIGH
1.5
2.5
Ω
Switch leakage current
ISW3
SWCTL : LOW
0
3
µA
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com