Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75-SIP Datasheet(PDF) 2 Page - Microchip Technology

Part # SAM9X75-SIP
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75-SIP Datasheet(HTML) 2 Page - Microchip Technology

  SAM9X75-SIP Datasheet HTML 1Page - Microchip Technology SAM9X75-SIP Datasheet HTML 2Page - Microchip Technology SAM9X75-SIP Datasheet HTML 3Page - Microchip Technology SAM9X75-SIP Datasheet HTML 4Page - Microchip Technology SAM9X75-SIP Datasheet HTML 5Page - Microchip Technology SAM9X75-SIP Datasheet HTML 6Page - Microchip Technology SAM9X75-SIP Datasheet HTML 7Page - Microchip Technology SAM9X75-SIP Datasheet HTML 8Page - Microchip Technology SAM9X75-SIP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
SAM9X75 SiP
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 2
– Power-on reset cells, reset controller, shutdown controller, periodic interval timer, watchdog timer
running on internal slow RC oscillator (32 kHz typical) and real-time clock running on slow crystal
oscillator (32.768 kHz)
– Two internal trimmed RC oscillators with typical values: 32 kHz (slow) and 12 MHz (fast)
– Two crystal oscillators: 32.768 kHz (slow) and 20 to 50 MHz (fast)
– One PLL for the system and one PLL optimized for USB high-speed operation (480 MHz)
• One PLL for audio operations, with dedicated output clock
• One PLL in LVDS I/F (LVDS usage only)
• One PLL in MIPI DPHY (MIPI DSI usage only)
– One dual-port 16-channel DMA controller
– Advanced interrupt controller and debug unit
– JTAG port with disable bit in OTP memory
– Two programmable clock output signals
• Low-Power Modes
– Backup mode with RTC, eight 32-bit general purpose backup registers, and shutdown controller to
control the external power supply
– Clock generator and power management controller
– Software-programmable ultra-low power modes: very slow clock operating mode (ULP0) and no-clock
operating mode (ULP1) with fast wake-up capabilities
– Software programmable power optimization capabilities
• Peripherals
– LCD controller with overlay, alpha blending, rotation, scaling and color conversion; up to 720p resolution
• RGB, LVDS, MIPI-DSI interfaces
– 2D graphics controller supporting fill BLT, copy BLT, transparent BLT, blend/alpha BLT, ROP4 BLT (raster
operations) and command ring buffer
– Image sensor controller with ITU-R BT; 601/656/1120 video interface support up to 5 Mpixels; support of
raw Bayer 12, YCbCr, monochrome and JPEG compressed sensors up to 12 bits
• MIPI CSI2 I/F support
• 12-bit parallel I/F support
– One high-speed USB device, three high-speed USB hosts with dedicated on-chip transceivers
– One 10/100/1000 Mbps Ethernet Mac controller with IEEE-1588 and TSN support, RGMII and RMII
support
– Two 4-bit secure digital multimedia card controllers
– Two CAN FD controllers with timestamping
– One Quad/Octal SPI controller
– Two 3-channel 32-bit timers/counters
– Two high-resolution (64-bit) periodic interval timers
– One synchronous serial controller
– One inter-IC sound multi-channel controller with TDM support
– One audio class D controller with single-ended or bridge-tied load connection to power stage
– One 4-channel 16-bit PWM controller
– Thirteen FLEXCOMs (USART, SPI and TWI/I2C)
– One 8-channel, 12-bit, analog-to-digital converter with 4/5 wires resistive touchscreen support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com