Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75-SIP Datasheet(PDF) 4 Page - Microchip Technology

Part # SAM9X75-SIP
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75-SIP Datasheet(HTML) 4 Page - Microchip Technology

  SAM9X75-SIP Datasheet HTML 1Page - Microchip Technology SAM9X75-SIP Datasheet HTML 2Page - Microchip Technology SAM9X75-SIP Datasheet HTML 3Page - Microchip Technology SAM9X75-SIP Datasheet HTML 4Page - Microchip Technology SAM9X75-SIP Datasheet HTML 5Page - Microchip Technology SAM9X75-SIP Datasheet HTML 6Page - Microchip Technology SAM9X75-SIP Datasheet HTML 7Page - Microchip Technology SAM9X75-SIP Datasheet HTML 8Page - Microchip Technology SAM9X75-SIP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
SAM9X75 SiP
DDR3L SDRAM Features
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 4
1.
DDR3L SDRAM Features
The SAM9X75 SiP is available with 1-Gbit and 2-Gbit DDR3L SDRAM memory options.
For power consumption, electrical characteristics and timings of these memories, refer to the
manufacturer’s documentation listed in Reference Documents.
• Power supply: DDRM_VDD = 1.283V to 1.45V
• 2-Kbyte page size (x16)
• 8-bank operation controlled by BA0, BA1 and BA2
• Burst lengths (BL): 8 and 4 with Burst Chop (BC)
• Precharge: auto-precharge option for each burst access
• Auto-Refresh and Self-Refresh modes
• Average refresh period:
– 7.8 µs at tJ ≤ +85°C
– 3.9 µs at tJ ≤ +105°C
– 1.95 µs at tJ ≤ +125°C
• High-speed data transfer realized by the 8-bit prefetch pipelined architecture
• Double Data Rate architecture: two data transfers per clock cycle
• Bidirectional differential data strobe (DQS and /DQS) transmitted/received with data for capturing
data at the receiver
• DQS edge-aligned with data for reads and center-aligned with data for writes
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK transitions
• Commands entered on each positive CK edge; data and data mask referenced to both edges of
DQS
• Data mask (DM) for write data
• Posted CAS by programmable additive latency for better command and data bus efficiency
• MultiPurpose Register (MPR) for predefined pattern read out
• ZQ calibration for DQ drive and ODT
• Programmable Partial Array Self-Refresh (PASR)
• Reset pin for power-up sequence and reset function
• Self-Refresh Temperature (SRT) range: normal/extended
• Automatic Self-Refresh (ASR)
• Programmable output driver impedance control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com