Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75-SIP Datasheet(PDF) 30 Page - Microchip Technology

Part # SAM9X75-SIP
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75-SIP Datasheet(HTML) 30 Page - Microchip Technology

Back Button SAM9X75-SIP Datasheet HTML 26Page - Microchip Technology SAM9X75-SIP Datasheet HTML 27Page - Microchip Technology SAM9X75-SIP Datasheet HTML 28Page - Microchip Technology SAM9X75-SIP Datasheet HTML 29Page - Microchip Technology SAM9X75-SIP Datasheet HTML 30Page - Microchip Technology SAM9X75-SIP Datasheet HTML 31Page - Microchip Technology SAM9X75-SIP Datasheet HTML 32Page - Microchip Technology SAM9X75-SIP Datasheet HTML 33Page - Microchip Technology SAM9X75-SIP Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
SAM9X75 SiP
Ordering Information
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 30
9.
Ordering Information
For details on ordering codes, see Product Identification System.
Ordering Code
Memory Type
Memory
Size
Package
Carrier Type
Ambient
Temperature
Range
SAM9X75D1G-I/4TB
DDR3L SDRAM
1 Gbit
TFBGA243
Tray
-40°C to +85°C
SAM9X75D1GT-I/4TB
Tape and Reel
SAM9X75D2G-I/4TB
2 Gbits
Tray
SAM9X75D2GT-I/4TB
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com