Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75-SIP Datasheet(PDF) 23 Page - Microchip Technology

Part # SAM9X75-SIP
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75-SIP Datasheet(HTML) 23 Page - Microchip Technology

Back Button SAM9X75-SIP Datasheet HTML 19Page - Microchip Technology SAM9X75-SIP Datasheet HTML 20Page - Microchip Technology SAM9X75-SIP Datasheet HTML 21Page - Microchip Technology SAM9X75-SIP Datasheet HTML 22Page - Microchip Technology SAM9X75-SIP Datasheet HTML 23Page - Microchip Technology SAM9X75-SIP Datasheet HTML 24Page - Microchip Technology SAM9X75-SIP Datasheet HTML 25Page - Microchip Technology SAM9X75-SIP Datasheet HTML 26Page - Microchip Technology SAM9X75-SIP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
SAM9X75 SiP
Electrical Characteristics
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 23
Figure 6-1. Current Measurement for Applicative Use Cases (DDR3L Example)
SAM9X75DxG
DDR3L
QSPI
Ethernet
PHY
Power
supply
3.3V
1.35V
1.15V
VDDCORE
VDDIN33
VDDNF
VDDANA
VDDIOP0
VDDBU
LVDS
screen
3.0V
(Backup source)
1.8V
CSI-2
sensor
VDDOUT25
VDDMIPI
VDDOUT25
regulator
DDRM_VDD
VDDIOP1
VDDIOP2
Table 6-3. Use Case Definition
Use Case Description
1
After Linux boot root prompt
2
Running 2D graphics benchmark with EGT monitor (800x480 DSI panel @ 46 fps) - 22% CPU usage
3
Run Bonnie++ on USB mass storage
4
SAM9X70 running as iPerf server
5
Image sensor video recording with QVGA resolution - 10 fps
Table 6-4. Power Consumption (mW) in Applicative Use Cases
Use Case
VDDCORE
1.15V
VDDIOM+
DDRM_VDD
1.35V
VDDIN33
3.3V
Total
1
135
41
165
341
2
165
55
125
345
3
190
84
115
390
4
165
95
165
425
5
170
61
330
561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com