Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X75-SIP Datasheet(PDF) 5 Page - Microchip Technology

Part # SAM9X75-SIP
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75-SIP Datasheet(HTML) 5 Page - Microchip Technology

  SAM9X75-SIP Datasheet HTML 1Page - Microchip Technology SAM9X75-SIP Datasheet HTML 2Page - Microchip Technology SAM9X75-SIP Datasheet HTML 3Page - Microchip Technology SAM9X75-SIP Datasheet HTML 4Page - Microchip Technology SAM9X75-SIP Datasheet HTML 5Page - Microchip Technology SAM9X75-SIP Datasheet HTML 6Page - Microchip Technology SAM9X75-SIP Datasheet HTML 7Page - Microchip Technology SAM9X75-SIP Datasheet HTML 8Page - Microchip Technology SAM9X75-SIP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
SAM9X75 SiP
Configuration Summary
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 5
2.
Configuration Summary
Feature
SAM9X75D1G
SAM9X75D2G
Package
BGA243, 16x16mm2, pitch 0.8 mm
EBI
8-bit NAND Flash controller
SDRAM embedded in SiP
1-Gbit DDR3L SDRAM
2-Gbit DDR3L SDRAM
MIPI DPHY
Bidirectional, 4 lanes
PIOs
106
SRAM0/SRAM1
64/4 Kbytes
Quad/Octal SPI
1
LCD + GFX2D
LVDS, MIPI DSI, RGB interface
Camera interface (ISC)
MIPI CSI2, parallel port
GMAC
10/100/1000 with IEEE 1588 and TSN
CAN-FD
2
USB
3 (3 hosts or 2 host/1 device)
UART/SPI/I2C
13
SDIO/SD/MMC
2
I2SMCC/SSC/Class D
1/1/1
ADC inputs
8 (8 channels)
64-bit timers/32-bit timers
2/6
PWM
4 (PWMC)
Cryptography
AES/TDES/SHA/TRNG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com