Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # AS7058
Description  AS7058 IC for PPG, ECG and body impedance measurement
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7058 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button AS7058 Datasheet HTML 2Page - OSRAM GmbH AS7058 Datasheet HTML 3Page - OSRAM GmbH AS7058 Datasheet HTML 4Page - OSRAM GmbH AS7058 Datasheet HTML 5Page - OSRAM GmbH AS7058 Datasheet HTML 6Page - OSRAM GmbH AS7058 Datasheet HTML 7Page - OSRAM GmbH AS7058 Datasheet HTML 8Page - OSRAM GmbH AS7058 Datasheet HTML 9Page - OSRAM GmbH AS7058 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AS7058
Ordering information
Short Datasheet
• PUBLIC • Document Feedback
DS001085
• v1-01 • 2023-Oct-26
6 / 14
/
2
Ordering information
Ordering code
Package
Marking
Delivery form
Delivery quantity
Q65113A6621
WLCSP
AS7058
Tape & reel
500 pcs/reel
Q65113A6622
WLCSP
AS7058
Tape & reel
10000 pcs/tray
Q65113A6625
WLCSP
AS7058A
Tape & reel
500 pcs/tube
Q65113A6626
WLCSP
AS7058A
Tape & reel
10000 pcs/tray
3
Absolute maximum ratings
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under
“Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2: Absolute maximum ratings of AS7058
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDVDD
Digital supply voltage
-0.3
1.98
V
DVDD to DGND
VAVDD
Analog supply voltage
-0.3
1.98
V
AVDD to AGND
VIOVDD
IO supply voltage
-0.3
1.98
V
IOVDD to AGND
VVCSELS
VCSELS supply voltage
-0.3
5.5
V
VCSELS to AGND
VVCSELA
VCSELA pin voltage
-0.3
5.5
V
VCSELA to AGND
VVCSELA-VCSELS
Voltage difference between
pins VCSELA and VCSELS
-0.3
0.3
V
VLED
LED pin voltage
-0.3
5.5
V
LED1-LED8 to PGND1 or
PGND2
VIN-DIGITAL
Digital input pin voltage to
ground
-0.3
VIOVDD+0.3 V
max. 1.98 V
V
Applicable to pins SCL,
SDA_MOSI, CSXN, GPIO and
EXTCLK_SYNC
VIN-ANALOG
Analog input pin voltage to
ground
-0.3
VAVDD+0.3 V
max. 1.98 V
V
Applicable to pins ECG_INP,
ECG_INN, PD1/PD2, PD3,
PD4, PD5, PD6, PD7, PD8,
BIOZ1, BIOZ2, BIOZ3 and
BIOZ4
VPGND-AGND
Power to analog ground
voltage difference
-0.3
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com