Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # AS7058
Description  AS7058 IC for PPG, ECG and body impedance measurement
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7058 Datasheet(HTML) 3 Page - OSRAM GmbH

  AS7058 Datasheet HTML 1Page - OSRAM GmbH AS7058 Datasheet HTML 2Page - OSRAM GmbH AS7058 Datasheet HTML 3Page - OSRAM GmbH AS7058 Datasheet HTML 4Page - OSRAM GmbH AS7058 Datasheet HTML 5Page - OSRAM GmbH AS7058 Datasheet HTML 6Page - OSRAM GmbH AS7058 Datasheet HTML 7Page - OSRAM GmbH AS7058 Datasheet HTML 8Page - OSRAM GmbH AS7058 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AS7058
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001085
• v1-01 • 2023-Oct-26
3 / 14
/
AS7058 IC for PPG, ECG and body
impedance measurement
1
General description
The AS7058 is an integrated multi-vital sign monitoring device, which provides a complete
photoplethysmogram (PPG), electrocardiogram (ECG), body impedance (BioZ), and
electrodermal activity (EDA). PPG measures the pulse rate or blood oxygen by sampling light
modulated by the blood vessels, which expand and contract as blood pulses through them.
ECG is the reference for any measurement of the biopotential generated by the heart. With
EDA, it is possible to measure the skin’s water content, and with BioZ, the body composition
with an electrical system.
The PPG acquisition system provides up to eight LEDs and eight photodiode inputs. The LEDs
are powered by two high current 8-bit programmable LED drivers with four current ranges.
Additionally, a special laser safety support system can be enabled, which offers the possibility
to use VCSEL die as a light source. The photodiodes can be read out synchronously with two
20-bit ADCs. As the second product in the AS705x family, the AS7058 includes a new method
of ambient light suppression method called advanced automatic offset control (AAOC). This
method enables the system to adjust towards the ambient light situation before the actual
measurement starts and minimizes the loss of data due to the saturation influence by ambient
light.
The ECG channel has high-input impedance, low noise, high CMRR, programmable gain, an
anti-aliasing low-pass filter, and a high-resolution 20-bit ADC. It is designed according to IEC
60601-2-47 Ambulatory ECG Systems monitoring compliance requirements.
The BioZ channel has a low-pass filter and a calibration routine available. The channel also
has high input impedance, low noise, programmable gain, low-pass and high-pass filter
options, and shares the high-resolution ADC with the ECG system. Several ranges of
excitation current and frequencies are also available.
The AS7058 has a DC and AC lead-off detection for the ECG, a flexible clock system, and a
PLL. All three inbuilt ADCs are synchronized. The device is available in a 42-ball wafer-level
chip scale package (WLCSP) with dimensions 2.82 x 2.55 mm and operates over the
temperature range -40 °C to 85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com