Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS7058
Description  AS7058 IC for PPG, ECG and body impedance measurement
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7058 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS7058 Datasheet HTML 5Page - OSRAM GmbH AS7058 Datasheet HTML 6Page - OSRAM GmbH AS7058 Datasheet HTML 7Page - OSRAM GmbH AS7058 Datasheet HTML 8Page - OSRAM GmbH AS7058 Datasheet HTML 9Page - OSRAM GmbH AS7058 Datasheet HTML 10Page - OSRAM GmbH AS7058 Datasheet HTML 11Page - OSRAM GmbH AS7058 Datasheet HTML 12Page - OSRAM GmbH AS7058 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AS7058
Package drawings & markings
Short Datasheet
• PUBLIC • Document Feedback
DS001085
• v1-01 • 2023-Oct-26
9 / 14
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fEXTCLK_SYNC
External clock
frequency
Input frequency at pin
EXTCLK_SYNC; Only 2 MHz
or 4 MHz is supported
2
4
MHz
Digital outputs (SDA_MOSI, MISO, INT, GPIO)
VOH
Output high
towards GND
Current load
≤ 6 mA
VIOVDD -
0.4
V
VOL
Output low
towards IOVDD
Current l
oad ≤ 6 mA
0.4
V
5
Package drawings & markings
Figure 2: WLCSP42 package outline drawing
(1) All dimensions are in millimeters. Angles in degrees.
(2) Dimensioning and tolerancing conform to ASME Y14.5M-1994.
(3) N is the total number of terminals.
(4) This package contains no lead (Pb).
(5) This drawing is subject to change without notice.
Top through view
Note s:
Pin 1 = A1
cc c Coplana rity
All dimensions a re in µm
Bottom view (Ball side)
Die size af ter cu ttin g: 25 45 x28 15 ±20
Dev ic e No.
A
B
D
E
F
G
C
1
2
3
4
5
6
A
1
400
400
400
400
400
2500
250
250
80
570±30
200 t y p.
345 t y p.
25 t y p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com