Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # AS7058
Description  AS7058 IC for PPG, ECG and body impedance measurement
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7058 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button AS7058 Datasheet HTML 3Page - OSRAM GmbH AS7058 Datasheet HTML 4Page - OSRAM GmbH AS7058 Datasheet HTML 5Page - OSRAM GmbH AS7058 Datasheet HTML 6Page - OSRAM GmbH AS7058 Datasheet HTML 7Page - OSRAM GmbH AS7058 Datasheet HTML 8Page - OSRAM GmbH AS7058 Datasheet HTML 9Page - OSRAM GmbH AS7058 Datasheet HTML 10Page - OSRAM GmbH AS7058 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AS7058
Electrical characteristics
Short Datasheet
• PUBLIC • Document Feedback
DS001085
• v1-01 • 2023-Oct-26
7 / 14
/
Symbol
Parameter
Min
Max
Unit
Comments
VDGND-AGND
Digital to analog ground
voltage difference
-0.3
0.3
V
ILEDON
Average LED ON Current
35
mA
ISCR
Input current (latch-up
immunity)
± 100
mA
JEDEC JESD78E
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
± 2
kV
JS-001-2017
ESDCDM
Electrostatic discharge CDM
± 500
V
JS-002-2018
Temperature Ranges and Storage Conditions
TA
Operating ambient
temperature
-40
85
°C
TSTRG
Storage temperature range
-40
125
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative humidity (non-
condensing)
5
85
%
MSL
Moisture sensitivity level
1
According to JEDEC J-STD-
020E
Represents a max. floor life
time of unlimited
tSTRG DOF
Storage time for DOF/die or
wafers on foil
3
months
Refers to indicated date of
packing
(1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow
Sensitivity Classification for Nonhermetic Solid State Surface Mount
Devices.” The lead finish for Pb-free leaded packages is
“Matte Tin” (100 % Sn).
4
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Conditions: TA = 25 °C, VDVDD = 1.8 V, VAVDD = 1.8 V, VIOVDD = 1.8 V
Table 3: Electrical characteristics of AS7058
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDVDD
Digital supply
voltage
1.70
1.80
1.98
V
VAVDD
Analog supply
voltage
1.70
1.80
1.98
V
VIOVDD
IO supply voltage
1.08
1.80
1.98
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com