Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS7058
Description  AS7058 IC for PPG, ECG and body impedance measurement
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7058 Datasheet(HTML) 4 Page - OSRAM GmbH

  AS7058 Datasheet HTML 1Page - OSRAM GmbH AS7058 Datasheet HTML 2Page - OSRAM GmbH AS7058 Datasheet HTML 3Page - OSRAM GmbH AS7058 Datasheet HTML 4Page - OSRAM GmbH AS7058 Datasheet HTML 5Page - OSRAM GmbH AS7058 Datasheet HTML 6Page - OSRAM GmbH AS7058 Datasheet HTML 7Page - OSRAM GmbH AS7058 Datasheet HTML 8Page - OSRAM GmbH AS7058 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AS7058
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001085
• v1-01 • 2023-Oct-26
4 / 14
/
1.1
Key benefits & features
The benefits and features of AS7058 are listed below:
Table 1: Added value of using AS7058
Benefits
Features
Highly flexible LED/photodiode configuration.
Up to 8 LED output pins and 8 photodiode input pins.
Allows the smallest application size e.g. narrow HRM
measurement band.
Small Wafer-Level-Chip-Scale-Package (WLCSP).
Electrocardiogram (ECG) with dry electrodes.
Embedded low-noise analog front-end for ECG signal
acquisition.
Enables blood pressure measurements.
Synchronized PPG and ECG acquisition.
Outstanding HRM measurement quality.
Low noise analog front end for PPG acquisition.
Measuring the body composition and the skin’s water
content.
An independent body impedance and an electrodermal
activity system are included.
Long operating time.
A hardware sequencer to offload the processor with an
adjustable LED driver with current control.
Low power operating mode.
Two PPG channels usable in parallel mode are
available.
Acquiring several bio signals in parallel.
Either ECG, BIOZ or EDA (GSR) and two PPG
channels, separated and usable simultaneously.
Improvement in ambient light suppression.
Includes a new type of offset cancelation for the PPG
signal: Advanced Automatic Offset Control.
1.2
Applications
•
Wearable vital sign monitors
•
Fitness band
•
Smart watch
•
Heart rate monitor
•
Hearables
•
ECG monitoring
•
Medical patches
•
Pulse-oximetry devices
•
Single- and multi-frequency body impedance devices
•
Pulse Arrival Time (PAT), Pulse Transit Time (PTT), Pulse Wave Velocity (PWV)
Assessments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com