Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03C8T6 Datasheet(PDF) 54 Page - STMicroelectronics

Part # 03C8T6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03C8T6 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button 03C8T6 Datasheet HTML 50Page - STMicroelectronics 03C8T6 Datasheet HTML 51Page - STMicroelectronics 03C8T6 Datasheet HTML 52Page - STMicroelectronics 03C8T6 Datasheet HTML 53Page - STMicroelectronics 03C8T6 Datasheet HTML 54Page - STMicroelectronics 03C8T6 Datasheet HTML 55Page - STMicroelectronics 03C8T6 Datasheet HTML 56Page - STMicroelectronics 03C8T6 Datasheet HTML 57Page - STMicroelectronics 03C8T6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
Electrical characteristics
STM32F103xx
54/67
Figure 22.
USB timings: definition of data signal rise and fall time
5.3.16
CAN (controller area network) interface
Refer to I/O port characteristics for more details on the input/output alternate function char-
acteristics (CANTX and CANRX).
5.3.17
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 39 are derived from tests
performed under ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 7.
Note:
It is recommended to perform a calibration after each power-up.
Table 38.
USB: Full speed electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
Driver characteristics
tr
Rise time(1)
1.
Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB
Specification - Chapter 7 (version 2.0).
CL = 50 pF
420
ns
tf
Fall Time(1)
CL = 50 pF
4
20
ns
trfm
Rise/ fall time matching
tr/tf
90
110
%
VCRS
Output signal crossover voltage
1.3
2.0
V
ai14137
tf
Differen tial
Data L ines
VSS
VCRS
tr
Crossover
points
Table 39.
ADC characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
ADC power supply
2.4V
3.6V
V
VREF+
Positive reference voltage
2.0
VDDA
V
fADC
ADC clock frequency
0.6
14
MHz
fS
Sampling rate
TBD
0.05
1
MHz
fTRIG
External trigger frequency
fADC = 14 MHz
823
kHz
17
1/fADC
VAIN
Conversion voltage range(2)
VSSA
VDDA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com