Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03C8T6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # 03C8T6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03C8T6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button 03C8T6 Datasheet HTML 33Page - STMicroelectronics 03C8T6 Datasheet HTML 34Page - STMicroelectronics 03C8T6 Datasheet HTML 35Page - STMicroelectronics 03C8T6 Datasheet HTML 36Page - STMicroelectronics 03C8T6 Datasheet HTML 37Page - STMicroelectronics 03C8T6 Datasheet HTML 38Page - STMicroelectronics 03C8T6 Datasheet HTML 39Page - STMicroelectronics 03C8T6 Datasheet HTML 40Page - STMicroelectronics 03C8T6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
STM32F103xx
Electrical characteristics
37/67
5.3.7
Internal clock source characteristics
The parameters given in Table 19 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 7.
High-speed internal (HSI) RC oscillator
LSI Low Speed Internal RC Oscillator
Table 19.
HSI oscillator characteristics(1)(2)
1.
VDD = 3.3 V, TA = −40 to 105 °C unless otherwise specified.
2.
TBD stands for to be determined.
Symbol
Parameter
Conditions
Min
Typ
Max(3)
3.
Values based on device characterization, not tested in production.
Unit
fHSI
Frequency
8
MHz
ACCHSI Accuracy of HSI oscillator
TA = –40 to 105 °C
TBD
±3TBD
%
at TA = 25°C
TBD
±1TBD
%
tsu(HSI)
HSI oscillator start up time
1
2
µs
IDD(HSI)
HSI oscillator power
consumption
80
100
µA
Table 20.
LSI oscillator characteristics (1)
1.
VDD = 3 V, TA = −40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max(2)
2.
Value based on device characterization, not tested in production.
Unit
fLSI
Frequency
30
60
kHz
tsu(LSI)
LSI oscillator start up time
85
µs
IDD(LSI)
LSI oscillator power
consumption
0.65
1.2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com