Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03C8T6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # 03C8T6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03C8T6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button 03C8T6 Datasheet HTML 34Page - STMicroelectronics 03C8T6 Datasheet HTML 35Page - STMicroelectronics 03C8T6 Datasheet HTML 36Page - STMicroelectronics 03C8T6 Datasheet HTML 37Page - STMicroelectronics 03C8T6 Datasheet HTML 38Page - STMicroelectronics 03C8T6 Datasheet HTML 39Page - STMicroelectronics 03C8T6 Datasheet HTML 40Page - STMicroelectronics 03C8T6 Datasheet HTML 41Page - STMicroelectronics 03C8T6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
Electrical characteristics
STM32F103xx
38/67
Wakeup time from low power mode
The wakeup times given in Table 21 is measured on a wakeup phase with a 8-MHz HSI RC
oscillator. The clock source used to wake up the device depends from the current operating
mode:
●
Stop or Standby mode: the clock source is the RC oscillator
●
Sleep mode: the clock source is the clock that was set before entering Sleep mode.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 7.
5.3.8
PLL characteristics
The parameters given in Table 22 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 7.
Table 21.
Low-power mode wakeup timings(1)
1.
TBD stands for to be determined.
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
(2)
2.
The wakeup time from Sleep and Stop mode are measured from the wakeup event to the point in which the
user application code reads the first instruction.
Wakeup from Sleep mode
Wakeup on HSI RC clock
0.75
TBD
µs
tWUSTOP
(2)
Wakeup from Stop mode
(regulator in run mode)
HSI RC wakeup time = 2 µs
4
TBD
µs
Wakeup from Stop mode
(regulator in low power mode)
HSI RC wakeup time = 2 µs,
Regulator wakeup from LP
mode time = 5 µs
7TBD
tWUSTDBY
(3)
3.
The wakeup time from Standby mode is measured from the wakeup event to the point in which the device
exits from reset.
Wakeup from Standby mode
HSI RC wakeup time = 2 µs,
Regulator wakeup from power
down time = 38 µs
40
TBD
µs
Table 22.
PLL characteristics(1)
1.
TBD stands for to be determined.
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max(2)
2.
Data based on device characterization, not tested in production.
fPLL_IN
PLL input clock
8.0
MHz
PLL input clock duty cycle
40
60
%
fPLL_OUT PLL multiplier output clock
16
72
MHz
fVCO
VCO frequency range
When PLL operates
(locked)
32
144
MHz
tLOCK
PLL lock time
200
µs
tJITTER
Cycle to cycle jitter (+/-3
Σ
peak to peak)
VDD is stable
TBD
TBD
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com