Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03C8T6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # 03C8T6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03C8T6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button 03C8T6 Datasheet HTML 17Page - STMicroelectronics 03C8T6 Datasheet HTML 18Page - STMicroelectronics 03C8T6 Datasheet HTML 19Page - STMicroelectronics 03C8T6 Datasheet HTML 20Page - STMicroelectronics 03C8T6 Datasheet HTML 21Page - STMicroelectronics 03C8T6 Datasheet HTML 22Page - STMicroelectronics 03C8T6 Datasheet HTML 23Page - STMicroelectronics 03C8T6 Datasheet HTML 24Page - STMicroelectronics 03C8T6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
STM32F103xx
Pin descriptions
21/67
D8
5
5
81
PD0
I/O
FT
OSC_IN(7)
E8
6
6
82
PD1
I/O
FT
OSC_OUT(7)
B7
54
83
PD2/TIM3_ETR
I/O
FT
PD2
TIM3_ETR
C7
-
-
84
PD3
I/O
FT
PD3
D7
-
-
85
PD4
I/O
FT
PD4
B6
-
-
86
PD5
I/O
FT
PD5
C6
-
-
87
PD6
I/O
FT
PD6
D6
-
-
88
PD7
I/O
FT
PD7
A7
39
55
89
PB3/JTDO/TRACESWO
I/O
FT
JTDO
PB3/TRACESWO
A6
40
56
90
PB4/JNTRST
I/O
FT
JNTRST
PB4
C5
41
57
91
PB5/I2C1_SMBAl
I/O
PB5
I2C1_SMBAl
B5
42
58
92
PB6/I2C1_SCL/ TIM4_CH1
I/O
FT
PB6
I2C1_SCL(6)/
TIM4_CH1(5)(6)
A5
43
59
93
PB7/I2C1_SDA/ TIM4_CH2
I/O
FT
PB7
I2C1_SDA(6)/
TIM4_CH2(5) (6)
D5
44
60
94
BOOT0
I
BOOT0
B4
45
61
95
PB8/TIM4_CH3
I/O
FT
PB8
TIM4_CH3(5) (6)
A4
46
62
96
PB9/TIM4_CH4
I/O
FT
PB9
TIM4_CH4(5) (6)
D4
-
-
97
PE0/TIM4_ETR
I/O
FT
PE0
TIM4_ETR(5)
C4
-
-
98
PE1
I/O
FT
PE1
E5
47
63
99
VSS_3
SVSS_3
F5
48
64
100
VDD_3
SVDD_3
1.
I = input, O = output, S = supply, HiZ = high impedance.
2.
FT= 5 V tolerant.
3.
Function availability depends on the chosen device. Refer to Table 2 on page 7.
4.
PC13, PC14 and PC15 are supplied through the power switch, and so their use in ouptut mode is limited: they can be used
only in output 2 MHz mode with a maximum load of 30 pF and only one pin can be put in output mode at a time.
5.
Available only on devices with a Flash memory density equal or higher than 64 Kbytes.
6.
This alternate function can be remapped by software to some other port pins (if available on the used package). For more
details, refer to the Alternate function I/O and debug configuration section in the STM32F10xxx reference manual,
UM0306, available from the STMicroelectronics website: www.st.com.
7.
For the LQFP48 and LQFP64 packages, the pins number 5 and 6 are configured as OSC_IN/OSC_OUT after reset,
however the functionality of PD0 and PD1 can be remapped by software on these pins.
Table 3.
Pin definitions (continued)
Pins
Pin name
Main function(3)
(after reset)
Default alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com