Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03C8T6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # 03C8T6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03C8T6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button 03C8T6 Datasheet HTML 27Page - STMicroelectronics 03C8T6 Datasheet HTML 28Page - STMicroelectronics 03C8T6 Datasheet HTML 29Page - STMicroelectronics 03C8T6 Datasheet HTML 30Page - STMicroelectronics 03C8T6 Datasheet HTML 31Page - STMicroelectronics 03C8T6 Datasheet HTML 32Page - STMicroelectronics 03C8T6 Datasheet HTML 33Page - STMicroelectronics 03C8T6 Datasheet HTML 34Page - STMicroelectronics 03C8T6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
STM32F103xx
Electrical characteristics
31/67
Typical current consumption
The MCU is placed under the following conditions:
●
All I/O pins are in input mode with a static value at VDD or VSS (no load).
●
All peripherals are disabled except if it is explicitly mentioned.
●
The Flash access time is adjusted to fHCLK frequency (0 wait state from 0 to 24 MHz, 1
wait state from 24 to 48 MHZ and 2 wait states above).
●
Ambient temperature and VDD supply voltage conditions summarized in Table 7.
Table 13.
Typical current consumption in Run and Sleep modes(1)
1.
TBD stands for to be determined.
Symbol
Parameter
Conditions
fHCLK
Typ(2)
2.
Typical values are measures at TA = 25 °C, VDD = 3.3 V.
Unit
IDD
Supply
current in
Run mode
Oscillator running at 8 MHz with PLL, code
running from Flash, all peripheral disabled
(see RCC register description): fPCLK1=
fHCLK/2, fPCLK2=fHCLK
72 MHz
21
mA
48 MHz
18
36 MHz
TBD
24 MHz
13
16 MHz
TBD
Running on HSI clock, code running from
Flash, all peripheral disabled (see RCC
register description): fPCLK1= fHCLK/2,
fPCLK2=fHCLK. AHB pre-scaler used to
reduce the frequency
8 MHz
7.8
mA
4 MHz
7
2 MHz
6.3
1 MHz
6.2
500 kHz
6.1
125 kHz
5.95
Running on HSI clock, code running from
RAM, all peripheral disabled (see RCC
register description): fPCLK1= fHCLK/2,
fPCLK2=fHCLK. AHB pre-scaler used to
reduce the frequency
8 MHz
2.3
mA
4 MHz
1.6
2 MHz
1.2
1 MHz
1
500 kHz
0.88
125 kHz
0.82
Supply
current in
Sleep mode
Oscillator running at 8MHz with PLL, code
running from Flash, all peripheral disabled
(see RCC register description): fPCLK1=
fHCLK/2, fPCLK2=fHCLK
72 MHz
6
mA
48 MHz
TBD
36 MHz
TBD
24 MHz
TBD
16 MHz
1
Running on HSI clock, code running from
Flash, all peripheral disabled (see RCC
register description): fPCLK1= fHCLK/2,
fPCLK2=fHCLK. AHB pre-scaler used to
reduce the frequency
8 MHz
TBD
mA
4 MHz
TBD
2 MHz
TBD
1 MHz
TBD
500 kHz
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com