Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL232R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # EVAL232R
Description  FT232RL USB to RS232 Evaluation Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

EVAL232R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button EVAL232R Datasheet HTML 6Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 7Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 8Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 9Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 10Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 11Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 12Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 13Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
EVAL232R FT232RL USB to RS232 Evaluation Module Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 10
5. Device Characteristics and Ratings
5.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT232R devices are as follows. These are in accordance with the Absolute
Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the device.
Table 6 - Absolute Maximum Ratings
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
( 30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-STD-033A MSL
Level 3 Compliant)*
Hours
Ambient Temperature (Power Applied)
-40°C to 85°C
Degrees C.
Vcc Supply Voltage
-0.5 to +6.00
V
D.C. Input Voltage - USBDP and USBDM
-0.5 to +3.8
V
D.C. Input Voltage - High Impedance Bidirectionals
-0.5 to +(Vcc +0.5)
V
D.C. Input Voltage - All other Inputs
-0.5 to +(Vcc +0.5)
V
D.C. Output Current - Outputs
24
mA
DC Output Current - Low Impedance Bidirectionals
24
mA
Power Dissipation (Vcc = 5.25V)
500
mW
* If devices are stored out of the packaging beyond this time limit the devices should be baked before use. The
devices should be ramped up to a temperature of 125°C and baked for up to 17 hours.
5.2 DC Characteristics
DC Characteristics ( Ambient Temperature = -40 to 85oC )
Table 7 - Operating Voltage and Current
Parameter Description
Min
Typ
Max
Units
Conditions
Vcc1
VCC Operating Supply Voltage
3.3
-
5.25
V
Vcc2
VCCIO Operating Supply Voltage
1.8
-
5.25
V
Icc1
Operating Supply Current
-
15
-
mA
Normal Operation
Icc2
Operating Supply Current
50
70
100
μA
USB Suspend*
Table 8 - FT232R UART and CBUS I/O Pin Characteristics (VCCIO = 5.0V, Standard Drive Level)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 2mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 2mA
Vin
Input Switching Threshold
1.3
1.6
1.9
V
**
VHys
Input Switching Hysteresis
50
55
60
mV
**
Table 9 - FT232R UART and CBUS I/O Pin Characteristics (VCCIO = 3.3V, Standard Drive Level)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
2.2
2.7
3.2
V
I source = 1mA
Vol
Output Voltage Low
0.3
0.4
0.5
V
I sink = 2mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
**
VHys
Input Switching Hysteresis
20
25
30
mV
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com