Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL232R Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # EVAL232R
Description  FT232RL USB to RS232 Evaluation Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

EVAL232R Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button EVAL232R Datasheet HTML 5Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 6Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 7Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 8Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 9Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 10Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 11Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 12Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
EVAL232R FT232RL USB to RS232 Evaluation Module Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 9
4. Module Dimensions
Figure 4 - EVAL232R Module Dimensions
All dimensions are stated in millimeters, with inches in parenthesis.
The FT232RL is supplied in a RoHS compliant 28 pinSSOP package. The package is lead ( Pb ) free and uses a
‘green’ compound. The date code format is
YYXX where XX = 2 digit week number, YY = 2 digit year number.
The EVAL232R module uses exclusivly lead free components.
Both the I.C. device and the module are fully compliant with European Union directive 2002/95/EC.
5.50mm
(0.22")
7.00mm
(0.28")
2.75mm
(0.11")
18.00mm
(0.72")
32.00mm
(1.28")
61.50mm
(2.46")
12.00mm
(0.48")
Ø 2.50mm
(0.10")
3.25mm (0.13")
3.25mm
(0.13")
12.50mm
(0.50")
J1
J3
J2
LP1
LP2
4.95mm
(0.20")
1.60mm (0.06")
0.65mm
(0.03")
2.55mm
(0.10")
12.5mm
(0.50")
14.35mm
(0.57")
9.30mm
(0.37")
1.90mm
(0.08")
61.00mm
(2.44")
11.80mm
(0.47")
20.00mm
(0.80")
4.70mm (0.19")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com