Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL232R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # EVAL232R
Description  FT232RL USB to RS232 Evaluation Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

EVAL232R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  EVAL232R Datasheet HTML 1Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 2Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 3Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 4Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 5Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 6Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 7Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 8Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Future Technology Devices International Ltd.
Copyright © Future Technology Devices International Ltd. 2005
EVAL232R
FT232RL USB to RS232
Evaluation Module
Incorporating Clock Generator Output
and FTDIChip-ID™ Security Dongle
The
EVAL232R is a USB to RS232 evaluation module for FTDI’s FT232RL USB - Serial UART interface IC device, the
latest device to be added to FTDI’s range of USB UART interface Integrated Circuit Devices.
The FT232RL is a USB to serial UART interface with optional clock generator output, and the new FTDIChip-ID™
security dongle feature. In addition, asynchronous and synchronous bit bang interface modes are available. USB to
serial interface designs using the FT232RL have been further simplified by fully integrating the external EEPROM,
clock circuit and USB resistors onto the device.
The FT232RL adds two new functions compared with its predecessors, effectively making it a “3-in-1” chip for some
application areas. The internally generated clock (6MHz, 12MHz, 24MHz, and 48MHz) can be brought out of the
device and used to drive a microcontroller or external logic. A unique number (the FTDIChip-ID™) is burnt into the
device during manufacture and is readable over USB, thus forming the basis of a security dongle which can be used
to protect customer application software from being copied.
The EVAL232R is supplied on a 61.0mm x 32.0mm (2.40” x 1.26”) PCB. All components used, including the FT232RL
and RS232 level converter IC are Pb-free (RoHS compliant).
™


Similar Part No. - EVAL232R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL2482EEB5Z AD-EVAL2482EEB5Z Datasheet
670Kb / 20P
2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
EVAL2487EEB5Z AD-EVAL2487EEB5Z Datasheet
670Kb / 20P
2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
More results

Similar Description - EVAL232R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBRS232 ETC-USBRS232 Datasheet
22Kb / 1P
USB TO RS232
logo
Future Technology Devic...
UC232R FTDI-UC232R Datasheet
463Kb / 10P
?쏞hiPi??Minimum Component FT232RL USB to RS232 Converter Cable
DB9-USB-RS232 FTDI-DB9-USB-RS232 Datasheet
712Kb / 27P
DB9-USB-RS232 Module Male & Female
logo
Texas Instruments
SLLU093 TI1-SLLU093 Datasheet
863Kb / 50P
USB Interface Adapter Evaluation Module
logo
Future Technology Devic...
UT232R-500 FTDI-UT232R-500 Datasheet
495Kb / 24P
USB to RS232 Adapter cable
logo
STMicroelectronics
STEVAL-PCC015V1 STMICROELECTRONICS-STEVAL-PCC015V1 Datasheet
222Kb / 4P
Full speed USB to RS232 bridge
20-Feb-2012
logo
Prolific Technology Inc...
PL2303GT PROLIFIC-PL2303GT Datasheet
115Kb / 1P
USB to RS232 Bridge Controller
logo
Coolgear Inc.
USB-232TTLMOS-IS COOLGEAR-USB-232TTLMOS-IS Datasheet
125Kb / 3P
USB to RS232 Isolated TTL
USB-232TTLMOS COOLGEAR-USB-232TTLMOS Datasheet
126Kb / 3P
USB to RS232 TTL
logo
Texas Instruments
ISOUSB211DPEVM TI-ISOUSB211DPEVM Datasheet
1Mb / 15P
ISOUSB211DPEVM Isolated USB Evaluation Module
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com