Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL232R Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # EVAL232R
Description  FT232RL USB to RS232 Evaluation Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

EVAL232R Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button EVAL232R Datasheet HTML 4Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 5Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 6Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 7Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 8Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 9Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 10Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 11Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
EVAL232R FT232RL USB to RS232 Evaluation Module Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 8
3.3 CBUS Signal Options
The following options can be configured on the CBUS I/O pins. These options are all configured in the internal
EEPROM using the utility software MPROG, which can be downloaded from the FTDI website. The default
configuration is described in Section 8.
Table 4 - CBUS Signal Options
CBUS Signal Option Available On CBUS Pin...
Description
TXDEN
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
Enable transmit data for RS485
TXLED#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
Transmit data LED drive - pulses low when transmitting data via
USB. See FT232R datasheet for more details.
RXLED#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
Receive data LED drive - pulses low when receiving data via USB.
See FT232R datasheet for more details.
TX&RXLED#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
LED drive - pulses low when transmitting or receiving data via
USB. See FT232R datasheet for more details.
PWREN#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
Goes low after the device is configured by USB, then high during
USB suspend. Can be used to control power to external logic P-
Channel logic level MOSFET switch. Enable the interface pull-down
option when using the PWREN# pin in this way.
SLEEP#
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
Goes low during USB suspend mode. Typically used to power down
an external TTL to RS232 level converter I.C. in USB to RS232
converter designs.
CLK48
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
48MHz Clock output.
CLK24
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
24MHz Clock output.
CLK12
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
12MHz Clock output.
CLK6
CBUS0, CBUS1, CBUS2, CBUS3, CBUS4
6MHz Clock output.
CBitBangI/O
CBUS0, CBUS1, CBUS2, CBUS3
CBUS bit bang mode option. Allows up to 4 of the CBUS pins to be
used as general purpose I/O. Configured individually for CBUS0,
CBUS1, CBUS2 and CBUS3 in the internal EEPROM. A separate
application note will describe in more detail how to use CBUS bit
bang mode.
BitBangWRn
CBUS0, CBUS1, CBUS2, CBUS3
Synchronous and asynchronous bit bang mode WR# strobe Output
BitBangRDn
CBUS0, CBUS1, CBUS2, CBUS3
Synchronous and asynchronous bit bang mode RD# strobe Output
3.4 RS232 Signal Descriptions
Table 5 - RS232 Signals
DB9 pin No. Name
Type
Description
1
DCD
Input
Data Carrier Detect control input
2
RXDATA
Input
Receive Asynchronous Data input.
3
TXDATA
Output
Transmit Asynchronous Data output.
4
DTR
Output
Data Terminal Ready control output / Handshake signal
5
GND
GND
Device groud supply pin.
6
DSR
Input
Data Set Ready control input / Handshake signal
7
RTS
Output
Request To Send Control Output / Handshake signal.
8
CTS
Input
Clear to Send Control input / Handshake signal.
9
RI
Input
Ring Indicator control input. When remote wakeup is enabled in the FT232RL’s internal
EEPROM taking RI# low can be used to resume the PC USB host controller from suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com