Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL232R Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # EVAL232R
Description  FT232RL USB to RS232 Evaluation Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

EVAL232R Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button EVAL232R Datasheet HTML 3Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 4Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 5Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 6Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 7Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 8Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 9Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 10Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
EVAL232R FT232RL USB to RS232 Evaluation Module Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 7
3.2 Header Pin and Jumper Signal Descriptions
Table 1 - Module Pin Out Description - Jumper J1
Pin No. Name
Type Description
1
VCC
Output
5V Power output USB port. For a low power USB bus powered design, up to 100mA can be sourced from the
5V supply on the USB bus. A maximum of 500mA can be sourced from the USB bus in a high power USB bus
powered design.
2
VCCIO
Input
+1.8V to +5.25V supply to the FT232RL’s UART Interface and CBUS I/O pins. In USB bus powered designs
connect to 3V3 to drive out at 3.3V levels (connect VCCIO to VCC3O), or connect to VCC to drive out at 5V
CMOS level (connect VCCIO to VCC). This pin can also be supplied with an external 1.8V - 2.8V supply in
order to drive out at lower levels. It should be noted that in this case this supply should originate from the
same source as the supply to Vcc. This means that in bus powered designs (like the EVAL232R for example)
a regulator which is supplied by the 5V on the USB bus should be used.
3
VCC3O
Output
3.3V output from FT232RL’s integrated L.D.O. regulator. This pin is decoupled to ground on the module pcb
with a 100nF capacitor. The prime purpose of this pin is to provide the internal 3.3V supply to the USB trans-
ceiver cell and the internal 1.5kΩ pull up resistor on USBDP. Up to 50mA can be drawn from this pin to power
external logic if required. This pin can also be used to supply the FT232RL’s VCCIO pin by connecting this pin
to pin 3 (VCCIO).
Table 2 - Module Pin Out Description - 8 Pin Header J2
Pin No. Name
Type Description
1
VCC
Output
5V Power output USB port. For a low power USB bus powered design, up to 100mA can be sourced from the
5V supply on the USB bus. A maximum of 500mA can be sourced from the USB bus in a high power USB bus
powered design.
2
CBUS0
Input
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the EVAL232R module is RXLED#. See CBUS Signal Options, Table 4.*
3
CBUS1
Output
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the EVAL232R module is TXLED#. See CBUS Signal Options, Table 4.*
4
CBUS2
Output
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the EVAL232R module is PWREN#. See CBUS Signal Options, Table 4.*
5
CBUS3
Output
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the EVAL232R module is PWREN#. See CBUS Signal Options, Table 4.*
6
VCC3O
Output
3.3V output from FT232RL’s integrated L.D.O. regulator. This pin is decoupled to ground on the module pcb
with a 100nF capacitor. The prime purpose of this pin is to provide the internal 3.3V supply to the USB trans-
ceiver cell and the internal 1.5kΩ pull up resistor on USBDP. Up to 50mA can be drawn from this pin to power
external logic if required.
7
RESET#
Input
Can be used by an external device to reset the FT232R. If not required can be left unconnected, or pulled up
to VCCIO.
3
GND
GND
Module ground supply pins
Table 3 - Module Pin Out Description - Jumper J3
Pin No. Name
Type Description
1
CBUS0
Output
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the EVAL232R module is RXLED#. See CBUS Signal Options, Table 4.*
Connect to LP1 to drive the red receive data LED (module default)
2
LP1
Input
Red receive data LED
3
CBUS1
Output
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory default
pin function for the EVAL232R module is TXLED#. See CBUS Signal Options, Table 4.*
Connect to LP2 to drive the green transmit data LED (module default)
3
LP2
Intput
Green transmit data LED
* When used in Input Mode, these pins are pulled to VCCIO via internal 200kΩ resistors. These pins can be
programmed to gently pull low during USB suspend ( PWREN# = “1” ) by setting an option in the internal EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com