Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  CCS-722XPM Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 11Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
722XPM Campus PoE | Specifications
Specifications
Feature/Model
722XPM-48ZY8
722XPM-48Y4
Ports
48 RJ45
8 25G SFP
48 RJ45
4 25G and 4 10G SFP
10M-1G UTP (30W)1
N/A
48
100M-2.5G UTP (60W)2
48
0
10G SFP
0
4
25G SFP
8
4
Throughput (2 way)
640Gbps
376Gbps
Packets/Second (2 way)
952 Mpps
559 Mpps
Latency (RJ-45)
1.2 microseconds
CPU
Dual Core-x86
System Memory
4GB
System Flash
16GB
Packet Buffer
8MB
4MB
USB Ports
1
Console Ports
1
100M/1G Management port
1
Airflow
Front-Rear
Front-Rear
Rear-Front
Power (Typical/Max excluding PoE)3
134W/160W
83W/102W
Size (WxHxD)
1U 17.5” x 1.75” x 16.8”
(44.5 x 4.4 x 42.03cm)
1U 17.5” x 1.75” x 14.5”
(44.5 x 4.4 x 36.37cm)
Weight
16.5 lbs (7.5kg)
15lbs (6.8kg)
Fans: 3 (N+1 redundant)
FAN-7000-F/R
FAN-7000-F/R
Maximum Power Supply
2
2
EOS License Group (LIC-FIX)
G3
G2
CloudVision License Group
G3
G2
Minimum EOS
4.27.2
4.27.2
1: 802.3af/at
2: 802.3bt
3: Nominal: 20% traffic @24C max:100% @46C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com