Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  CCS-722XPM Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  FAN-7000-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CCS-722XPM Switches
Data Sheet
Product Highlights
Power over Ethernet plus 10G/25G
722XPM-48ZY8
• 48 x mGig (100M - 2.5Gb) RJ45 @ 60W
• Uplinks: 8x 25G
• MACsec (256-bit) support with
downlink ports
• MACsec (256-bit) support with
uplink ports
722XPM-48Y4
• 48 x 10M-1GbE RJ45 @ 30W
• Uplinks: 4x 25G, 4 x10G
• MACsec (256-bit) support with
downlink ports
• MACsec (256-bit) support with
uplink ports
MACsec 256bit
• AES static and dynamic MACsec
• 802.1x encryption
Segmentation and Overlay
• 802.1Q VLANs
• IPv4/v6 VRFs
• VXLAN
• EVPN L2/3 (type 2/5)
Traffic and Flow Monitoring
• Hardware accelerated monitoring
• sFlow and IPFIX
• FlowTracker to inventory devices and
monitor conversations
Cognitive Campus Resilience
• N+1 redundant power/cooling
• Active/Active MLAG aggregation
• Dynamic uplink load balancing
• SSU for software upgrades and
hitless patching
Arista Extensible Operating System
(EOS®)
• Single binary image
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full access to Linux shell and tools
• Extensible platform - bash, python,
C++ , GO, OpenConfig
Arista’s common binary EOS provides a  comprehensive, standards based, layer 2
and 3 feature set that includes EVPN virtualization and QoS services. EOS supports
standards based 802.1X access control, and LLDP device identification services to
automate admission and segmentation of users, appliances, plus all mission critical
voice, video and general purpose applications in the campus. Together, Arista’s
family of switching and WiFi platforms are managed through a single Cognitive
Campus management plane in CloudVision, providing sub-second real time
telemetry, database archival and automated analytics to manage and monitor the
infrastructure, users and applications in the Campus-Cloud Network.
Cognitive Campus
The Cognitive Management Plane (CMP)  in Arista’s EOS provides rich control and
telemetry APIs used to simplify and automate the deployment, and maintenance of
campus infrastructure while also providing real-time monitoring of campus users,
applications and devices. As with all Arista platforms, EOS supports auto
provisioning by way of Arista Zero Touch Provisioning (ZTP) to simplify device
administration through CloudVision, or popular DevOps toolsets. In addition to
legacy polling management, EOS CMP delivers real time telemetry to administrators
using open gRPC/gNMI APIs used in OpenConfig, allowing administrators to create
custom management tools.
Arista EOS
The Arista 722XPM series runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch.
Arista 722XPM Series PoE Switches
Overview
Designed for the demands of the interconnected IoT enabled campus, the
CCS-722XPM series delivers wirespeed connectivity for all campus user workloads
under the management and monitoring of Arista cognitive campus services.  The
Arista Cognitive Campus CCS-722XPM series switches deliver wire speed
connectivity with MACsec on all ports. The CCS-722XPM offer a variety of connection
options for user desktops, PoE appliances and IoT devices. Managed 802.3af/at/bt
power services deliver up to 60W per RJ45 port and speeds ranging from 10Mbps to
2.5Gbps. A choice of 25G and 10G uplinks enable 100Mbps to 25Gbps deliver
network design flexibility and scalability.


Similar Part No. - FAN-7000-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
FAN-7000-R ARISTA-FAN-7000-R Datasheet
1Mb / 16P
Data Center Switch Router
June 20th, 2023
FAN-7000-R ARISTA-FAN-7000-R Datasheet
1Mb / 10P
7020R Series Data Center Switches
December 20th, 2023
FAN-7000-R ARISTA-FAN-7000-R Datasheet
814Kb / 9P
7050QX Series 10/40G Data Center Switches
May 23rd, 2022
FAN-7000-R ARISTA-FAN-7000-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
More results

Similar Description - FAN-7000-R

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
Switches
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
Assmann Electronics Inc...
AK244-2-R ASSMANN-AK244-2-R Datasheet
59Kb / 1P
Audio Extension Cable CCS, Stereo, Shielded
logo
ams AG
CCS801 AMSCO-CCS801 Datasheet
778Kb / 7P
Cambridge CMOS Sensors (CCS) micro-hotplate technology provides
CCS803 AMSCO-CCS803 Datasheet
622Kb / 7P
Cambridge CMOS Sensors (CCS) micro-hotplate technology
logo
Microchip Technology
TDKEZW5 MICROCHIP-TDKEZW5 Datasheet
78Kb / 1P
CCS EZ Web Lynx 5V Module
2/1/2012
TDKEZW3 MICROCHIP-TDKEZW3 Datasheet
77Kb / 1P
CCS EZ Web Lynx 3V Module
2/1/2012
logo
PANDUIT CORP.
CCS12-S8 PANDUIT-CCS12-S8 Datasheet
62Kb / 1P
CCS-CABLE CLAMP
6/26/96
logo
PHOENIX CONTACT
1076600 PHOENIX-1076600 Datasheet
63Kb / 3P
Cable gland - G-CCS-M25-M66N-PNES-BK
10/28/2020
logo
ITT Industries
CCS1 ITT-CCS1 Datasheet
1Mb / 6P
CCS 1 and CCS 2 DC Fast Charging Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com