Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  CCS-722XPM Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 11Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 12Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 13Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Campus PoE | Ordering Information
Product Number
Product Description
CCS-722XPM-48ZY8-F
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC
CCS-722XPM-48ZY8-2F
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC (2)
CCS-722XPM-48ZY8#
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, Requires PSU/Fans
CCS-722XPM-48Y4-F
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC
CCS-722XPM-48Y4-2F
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC (2)
CCS-722XPM-48Y4#
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec. Requires PSU/Fans.
CCS-722XPM-48ZY8-F-NA
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC, NA Power Cord
CCS-722XPM-48ZY8-2F-NA
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC (2), NA Power Cords
CCS-722XPM-48Y4-F-NA
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC, NA Power Cord
CCS-722XPM-48Y4-2F-NA
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC (2), NA Power Cords
CCS-722XPM-48ZY8-F-UK
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC, UK Power Cord
CCS-722XPM-48ZY8-2F-UK
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC (2), UK Power Cords
CCS-722XPM-48Y4-F-UK
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC, UK Power Cord
CCS-722XPM-48Y4-2F-UK
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC (2), UK Power Cords
CCS-722XPM-48ZY8-F-EU
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC, EU Power Cord
CCS-722XPM-48ZY8-2F-EU
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC (2), EU Power Cords
CCS-722XPM-48Y4-F-EU
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC, EU Power Cord
CCS-722XPM-48Y4-2F-EU
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC (2), EU Power Cords
CCS-722XPM-48ZY8-F-C14
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC, C14 Power Cord
CCS-722XPM-48ZY8-2F-C14
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC (2), C14 Power Cords
CCS-722XPM-48Y4-F-C14
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC, C14 Power Cord
CCS-722XPM-48Y4-2F-C14
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC (2), C14 Power Cords
CCS-722XPM-48ZY8-F-JPN
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC, JPN Power Cord
CCS-722XPM-48ZY8-2F-JPN
Arista 722XPM, 48x2.5G 60W POE, 8x25G SFP28 switch, front to rear air, MACsec, AC (2), JPN Power Cords
CCS-722XPM-48Y4-F-JPN
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC, JPN Power Cord
CCS-722XPM-48Y4-2F-JPN
Arista 722XPM, 48x1G 30W POE, 4x25G, 4x10G SFP+ switch, front to rear air, MACsec, AC (2), JPN Power Cords



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com