Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  CCS-722XPM Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  FAN-7000-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CCS-722 Switches | Model Overview
Driving the campus CMP (Cloud Management Plane) in the CCS-722
is the FlowTracker hardware telemetry feature (IPFIX), native in the
CCS-722 series non-blocking switching processor. FlowTracker
delivers real time updates for all device state, performance statistics,
and application flows, without burdening other system functions. 
Over a thousand unique flows can be concurrently tracked per
switch, with hardware support to scale to 32K flows. Device
fingerprinting features are also supported, allowing the 722XPM to
identify connected device type, operating system and user id,
helping facilitate security audits and workgroup/workload
segmentation.
With the rich telemetry of the CCS-722, Arista’s CloudVision tracks application, user and device activity, measuring throughput and latency
of key applications, user and device flows. CloudVision Device Analyzer (pictured above) baselines real time traffic to help alert
administrators of performance or security outliers. 
Customizable Topologies for Optimized Performance
As with all Arista devices, the CCS-722 switches support open, standards based, L2
MLAG and L3 ECMP load balancing features. Administrators can employ either
scheme to deliver high availability load sharing at the core building, or intermediate
distribution frame. The CCS-722’s Dynamic Load Balancing (DLB) feature improves
on typical load sharing by dynamically tracking flow volumes and rebalancing them
across shared links to optimize network utilization.  DLB interoperates with other
networking platforms, helping administrators improve the performance of their
installed campus infrastructure.
The 722XPM uses standard RJ45, SFP+ and SFP25 interfaces for in closet and uplink
interconnections, giving administrators the freedom to choose the right media type
and speed that suits campus use cases and their budget. In addition to the variety of
SFP25 and SFP+ copper and fiber modules that support speeds from 1Gb-25Gb are
the 10G/25G multi-rate SFP optical modules. These optics allow administrators to
invest in 25Gb but still run in 10Gb mode while connected to legacy infrastructure,
thus simplifying campus migrations and reduce CapEx.
Cognitive Segmentation
The CCS-722 series supports industry standard 802.1X and RADIUS authentication schemes, and interoperates with leading
authentication solutions. Authorized users and devices can be automatically segmented into assigned 802.1Q or EVPN VXLAN
segmented networks, facilitating infrastructure and data security. Wire-speed layer 3 VRF segmentation is also supported, giving
administrators additional flexibility for supporting the most sophisticated campus use cases. The CCS-722 switches also help
administrators with WiFi segmentation by providing hardware based VXLAN de-encapsulation of tunneled WiFi traffic.
CloudVision
CloudVision is Arista's management plane solution for simplifying network operations. Built on a modern state-streaming architecture,
CloudVision is a multi-function software platform that enables a suite of capabilities for automated provisioning, change control,
continuous compliance, real-time telemetry, predictive analytics and 3rd party management plane orchestration. As a multi-domain
solution, CloudVision is a single management platform across data center, campus, WiFi, multi-cloud, and routing interconnect use-cases.
The same CloudVision software is offered as an on-prem appliance (virtual or physical) as well as CloudVision as-a-Service, which is a
Arista-managed SaaS solution. 
CloudVision Dashboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com