Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7000-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # FAN-7000-R
Description  CCS-722XPM Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  FAN-7000-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Integrated MACsec Encryption
The CCS-722 Series supports encryption on all ports for dataplane security using industry standard MACsec encryption that avoids
common threats including snooping in a zero trust environment. Every access port and uplink port supports 256 bit MACsec encryption,
to secure communications between MACsec capable devices including Arista’s MACsec capable WiFi access points and to the network
campus core. MACsec is a separately licensed feature for each switch.
Cognitive PoE for Mission Critical Services
Power efficiency, flexible options, power prioritization and constant PoE allow the CCS-722 series switches to support critical campus
services like video security and emergency communications. 802.3af, at and bt power options deliver from 15-60W to RJ45 ports. The
CCS-722 platinum rated power supplies, coupled with its low nominal consumption leaves an ample power budget for connected
appliances and IoT devices. A choice of 650W or 1050W single or redundant AC power supply options allow administrators to customize
power allocation and redundancy to meet their use cases and budget. 
Dynamic Power Management
Arista leverages state of the art switching and power management technology that not only delivers enhanced power delivery options
supporting the latest standards, but does so more efficiently and reliably than standard PoE delivery, so administrators can support more
devices cost effectively. Dynamic PoE management enhances power budgeting and allocation features to help economize power
allocation to powered devices (PD) connected to each switch dynamically allocating PoE power based on priority settings. Load sharing
Power Supplies allow customers to share a common PoE bank between the power supplies within a switch, optimizing unused power
bank typically allocated for the board to power more PoE devices. Persistent PoE provides power to the powered device (PD) connected
to a PoE port even when the Power Sourcing Equipment (PSE) is rebooting. With cognitive campus monitoring, power configuration and
utilization are tracked in real time and archived, so administrators can accurately monitor and report service levels and infrastructure
power demands
Arista Optics and Cables
The Arista 722XPM series supports a wide range of 1G, 10G and 25G pluggable optics and cables. For details about the different optical
modules and the minimum EOS Software release required for each of the supported optical modules, visit https://www.arista.com/en/
products/transceivers-cables
EOS Licensing
Arista 722XPM Series with EOS and CloudVision, are designed to provide flexibility both in the choice of the appropriate feature
functionality and in the software consumption model. The base feature set of Arista EOS comes bundled with the Arista products and
systems. A set of feature licenses are available to enable additional functionality in advanced feature sets. The traditional licensing
procurement model employs a perpetual term for the right to use the feature, set at a fixed price. For Arista CloudVision the functionality
is available as a monthly subscription, for an agreed upon term.
Routing:
General Routing functionality (BGP, OSPF, Multicast, etc) is available in the EOS Enhanced (E) license. The EOS Flex-route (FLX) Lite license
expands that to include key features like BGP-EVPN for VXLAN. 
Automation/Visibility:
CloudVision is the most complete offering for advanced automation and visibility. Arista also offers subsets of CloudVision Lite, for entry-
level GUI functionality. CloudVision is offered as an on-premises appliance (virtual or physical appliance) or as a SaaS-based software
application that is fully managed by Arista.
The EOS V2 license includes capability to run custom extensions natively or via containers in EOS. In addition, the V2 license gives
customers an option of integrating with Arista’s best of breed ecosystem for security, analytics, visibility, and other use-cases.
Campus Overlay Scale
The CCS-722 series switches utilizes data center class virtualization features to provide hundreds of segmented networks to thousands of
users and devices. In addition to 802.1Q VLANs, the CCS-722 delivers support for VXLAN overlay networks with CVX and EVPN control
722XPM Campus PoE | Model Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com