Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5904 Datasheet HTML 5Page - Analog Devices ADL5904 Datasheet HTML 6Page - Analog Devices ADL5904 Datasheet HTML 7Page - Analog Devices ADL5904 Datasheet HTML 8Page - Analog Devices ADL5904 Datasheet HTML 9Page - Analog Devices ADL5904 Datasheet HTML 10Page - Analog Devices ADL5904 Datasheet HTML 11Page - Analog Devices ADL5904 Datasheet HTML 12Page - Analog Devices ADL5904 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADL5904
Rev. B | Page 9 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
9
2
NOTES
1. DNC = DO NOT CONNECT.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD TO A LOW
IMPEDANCE THERMAL AND ELECTRICAL GROUND PLANE.
RFIN
DNC
VCAL
DECL
Q
GND
VRMS
CRMS
ADL5904
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. The RFIN pin is dc-coupled and is not internally matched. A broadband 50 Ω match is achieved using
an external 82.5 Ω shunt resistor with a 0.47 µF ac coupling capacitor placed between the shunt resistor and
the RF input. Smaller ac coupling capacitor values can be used if low frequency operation is not required.
2, 6, 8
DNC
Do Not Connect. Do not connect to these pins.
3
VCAL
Threshold Calibration. The voltage on this pin determines the correct threshold voltage that must be applied to
Pin 16 (VIN−) to set a particular RF power threshold. This process has two steps: first, measure the output
voltage on VCAL with no RF signal applied to RFIN (this voltage is typically 750 mV). Next, apply the RF input
power to RFIN, which causes the circuit to trip and again measure the voltage on the VCAL pin. The difference
between these two voltages is equal to the threshold voltage that must be applied to VIN− during operation.
4
DECL
Internal Decoupling. Bypass this pin to ground using a 4.02 Ω resistor connected in series with a 100 nF
capacitor.
5, 7
VPOS
The supply voltage range = 3.3 V ±10%. Place power supply decoupling capacitors on Pin 5. There is no
requirement for power supply decoupling caps on Pin 7.
9
CRMS
RMS Averaging Capacitor. Connect a capacitor between the DECL pin and the CRMS pin to set the appropriate
level of rms averaging. Set the value of the rms averaging capacitor based on the peak to average ratio and
bandwidth of the input signal and based on the desired output response time and residual output noise.
10
VRMS
RMS Detector Output. The output from the VRMS pin is proportional to the logarithm of the rms value at the
input level.
11
GND
Device Ground. Connect the GND pin to system ground using a low impedance path.
12, 13
Q, Q
Differential Digital Outputs of Threshold Detect Flip Flop. Q latches high when the output of the internal
envelope detector exceeds the threshold voltage on the internal comparator VIN− input.
14
ENBL
Device Enable. Connect the ENBL pin to logic high to enable the device.
15
RST
Flip Flop Reset. Taking RST high clears the latched flip flop output, setting the Q and Q outputs to low and high,
respectively.
16
VIN−
Inverting Input to the Threshold Detection Comparator. The voltage on this pin is compared to the output
voltage of the internal envelope detector, which is driven by the RF input level. If the output voltage of the
envelope detector exceeds the voltage on VIN−, the flip flop latches the Q output to high and the Q output to
low.
EPAD
Exposed Pad. Connect the exposed pad to a low impedance thermal and electrical ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com